Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB3771 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB3771
Description  Power Supply Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3771 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB3771 Datasheet HTML 1Page - Cypress Semiconductor MB3771 Datasheet HTML 2Page - Cypress Semiconductor MB3771 Datasheet HTML 3Page - Cypress Semiconductor MB3771 Datasheet HTML 4Page - Cypress Semiconductor MB3771 Datasheet HTML 5Page - Cypress Semiconductor MB3771 Datasheet HTML 6Page - Cypress Semiconductor MB3771 Datasheet HTML 7Page - Cypress Semiconductor MB3771 Datasheet HTML 8Page - Cypress Semiconductor MB3771 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MB3771
Power Supply Monitor
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-08511 Rev. *A
Revised March 16, 2016
The Cypress MB3771 is designed to monitor the voltage level of one or two power supplies (+5 V and an arbitrary voltage) in a
microprocessor circuit, memory board in large-size computer, for example.
If the circuit’s power supply deviates more than a specified amount, then the MB3771 generates a reset signal to the microprocessor.
Thus, the computer data is protected from accidental erasure.
Using the MB3771 requires few external components. To monitor only a +5 V supply, the MB3771 requires the connection of one
external capacitor. The level of an arbitrary detection voltage is determined by two external resistors. The MB3771 is available in an
8-pin Dual In-Line, Single In-Line Package or space saving Flat Package.
Features
■ Precision voltage detection (VSA = 4.2 V ± 2.5 %)
■ User selectable threshold level with hysteresis (VSB = 1.23 V ± 1.5 %)
■ Monitors the voltage of one or two power supplies (5 V and an arbitrary voltage, >1.23 V)
■ Usable as over voltage detector
■ Low voltage output for reset signal (VCC = 0.8 V Typ)
■ Minimal number of external components (one capacitor Min)
■ Low power dissipation (ICC = 0.35 mA Typ, VCC = 5 V)
■ Detection threshold voltage has hysteresis function
■ Reference voltage is connectable.
■ One type of package (SOP-8pin : 1 type)
Application
■ Industrial Equipment
■ Arcade Amusement etc.


Similar Part No. - MB3771

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
Power Supply Monitor
MB3771 FUJITSU-MB3771 Datasheet
235Kb / 21P
Power Supply Monitor
MB3771P FUJITSU-MB3771P Datasheet
183Kb / 20P
Power Supply Monitor
MB3771PF FUJITSU-MB3771PF Datasheet
183Kb / 20P
Power Supply Monitor
MB3771PF FUJITSU-MB3771PF Datasheet
235Kb / 21P
Power Supply Monitor
More results

Similar Description - MB3771

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1040 AD-ADM1040 Datasheet
42Kb / 1P
Power Supply Monitor ASIC
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771 Datasheet
183Kb / 20P
Power Supply Monitor
logo
Maxim Integrated Produc...
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
Power-Supply Monitor with Reset
1990
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
Power Supply Monitor
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
logo
Analog Devices
ADM709RARZ AD-ADM709RARZ Datasheet
232Kb / 4P
Power Supply Monitor with Resst
REV. 0
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com