Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F818K Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB95F818K
Description  New 8FX 8-bit Microcontrollers
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F818K Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB95F818K Datasheet HTML 45Page - Cypress Semiconductor MB95F818K Datasheet HTML 46Page - Cypress Semiconductor MB95F818K Datasheet HTML 47Page - Cypress Semiconductor MB95F818K Datasheet HTML 48Page - Cypress Semiconductor MB95F818K Datasheet HTML 49Page - Cypress Semiconductor MB95F818K Datasheet HTML 50Page - Cypress Semiconductor MB95F818K Datasheet HTML 51Page - Cypress Semiconductor MB95F818K Datasheet HTML 52Page - Cypress Semiconductor MB95F818K Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
MB95810K Series
Document Number: 002-04694 Rev. *A
Page 49 of 121
• Block diagram of P40/AN08, P41/AN09, P42/AN10 and P43/AN11
15.5.3 Port 4 registers
• Port 4 register functions
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDR4
0
Pin state is “L” level.
PDR4 value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDR4 value is “1”.
As output port, outputs “H” level.
DDR4
0
Port input enabled
1
Port output enabled
PUL4
0
Pull-up disabled
1
Pull-up enabled
AIDRH
0
Analog input enabled
1
Port input enabled
PDR4
Pin
PDR4 read
PDR4 write
Executing bit manipulation instruction
DDR4 read
DDR4 write
PUL4 read
PUL4 write
AIDRH read
AIDRH write
DDR4
PUL4
AIDRH
0
1
Stop mode, watch mode (SPL = 1)
A/D analog input
Hysteresis
Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com