Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP2189-PCB2140S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FP2189-PCB2140S
Description  high performance 1-Watt HFET (Heterostructure FET) in a low-cost SOT-89 surfacemount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FP2189-PCB2140S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP2189-PCB2140S Datasheet HTML 1Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 2Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 3Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 4Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 5Page - List of Unclassifed Manufacturers FP2189-PCB2140S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Product Information
FP2189
1 Watt HFET
Typical Performance Data
S-Parameters (Vds = 8 V, Ids = 250 mA, 25°C, Unmatched 50 ohm system)
Note:
Measurements were made on the packaged device in a test fixture with 50 ohm input and output lines. The S-parameters
that are shown are the de-embedded data down to the device leads and represents typical performance of the device.
S22 vs Frequency
1 GHz
S11 vs Frequency
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
Gain, Maximum Stable Gain vs Frequency
S21
Gmsg



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com