Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IM890 Datasheet(PDF) 3 Page - MMD Components

Part # IM890
Description  MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM890 Datasheet(HTML) 3 Page - MMD Components

  IM890 Datasheet HTML 1Page - MMD Components IM890 Datasheet HTML 2Page - MMD Components IM890 Datasheet HTML 3Page - MMD Components IM890 Datasheet HTML 4Page - MMD Components IM890 Datasheet HTML 5Page - MMD Components IM890 Datasheet HTML 6Page - MMD Components IM890 Datasheet HTML 7Page - MMD Components IM890 Datasheet HTML 8Page - MMD Components IM890 Datasheet HTML 9Page - MMD Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
IM890 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 05/17/16_B
Page 3 of 10
Page 3 of 10
Absolute Maximum Limits
Parameter
Test Condition
Value
Continuous Power Supply Voltage Range (Vdd)
-0.5V to +3.63 V
Short Duration Maximum Power Supply Voltage (Vdd)
≤30 minutes, over -40°C to +85°C
+4.0V
Continuous Maximum Operating Temperature Range
Vdd = 1.5V - 3.63V
105°C
Short Duration Maximum Operating Temperature Range
Vdd = 1.5V - 3.63V, ≤30 mins
125°C
Human Body Model ESD Protection
HBM, JESD22-A114
3000 V
Charge-Device Model (CDM) ESD Protection
JESD220C101
750 V
Machine Model (MM) ESD Protection
TA = 25°C
300V
Latch-up Tolerance
JESD78 Compliant
Mechanical Shock Resistance
Mil 883, Method 2002
10,000 g
Mechanical Vibration Resistance
Mil 883, Method 2007
70 g
2012 SMD Junction Temperature
150°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Pin
Symbol
I/O
Functionality
SMD Package
1
N/C
No Connect
No Connect. Will not respond to any input signal. When
interfacing to an MCU’s XTAL input pins, this pin is typically
connected to the receiving IC’s X Out pin. In this case, the IM890
will not be affected by the signal on this pin. If not interfacing to
an XTAL oscillator, leave pin 1 floating (no connect).
2
GND
Power Supply
Ground
Connect to ground. All GND pins must be connected to power
supply ground.
3
CLK Out
Output
Oscillator clock output. When interfacing to an MCU’s XTAL, the
CLK Out is typically connected to the receiving IC’s X IN pin. The
IM890 oscillator output includes an internal driver. As a result,
the output swing and operation is not dependent on capacitive
loading. This makes the output much more flexible, layout
independent, and robust under changing environmental and
manufacturing conditions.
4
Vdd
Power Supply
Connect to power supply 1.5V ≤ Vdd ≤ 3.63V for operation over
-40°C to +85°C temperature range. Under normal operating
conditions, Vdd does not require external bypass/decoupling
capacitor(s). Internal power supply filtering will reject more
than ±150 mVpp with frequency components through 10 MHz.
System Block Diagram
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com