Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NS5S1153 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NS5S1153
Description  USB 2.0 High Speed and Audio Switch with Negative Swing Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5S1153 Datasheet(HTML) 7 Page - ON Semiconductor

  NS5S1153_16 Datasheet HTML 1Page - ON Semiconductor NS5S1153_16 Datasheet HTML 2Page - ON Semiconductor NS5S1153_16 Datasheet HTML 3Page - ON Semiconductor NS5S1153_16 Datasheet HTML 4Page - ON Semiconductor NS5S1153_16 Datasheet HTML 5Page - ON Semiconductor NS5S1153_16 Datasheet HTML 6Page - ON Semiconductor NS5S1153_16 Datasheet HTML 7Page - ON Semiconductor NS5S1153_16 Datasheet HTML 8Page - ON Semiconductor NS5S1153_16 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NS5S1153
www.onsemi.com
7
Figure 7. tBBM (Time Break−Before−Make)
Output
DUT
50
W
35 pF
VCC
Switch Select Pin
Output
Input
VCC
GND
Figure 8. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 9. tON/tOFF
DUT
Open
35 pF
VCC
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
50
W
0.1
mF
tBMM
Output
VOUT
VOL
VOUT
VOH
VOL
DUT
Open
VCC
Input
Output
50
W
35 pF
VOUT
0.1
mF
50 % OF
DROOP
VOLTAGE
DROOP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com