Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9215BCP-80EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9215BCP-80EB
Description  10-Bit, 65/80/105 MSPS, 3V A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215BCP-80EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9215BCP-80EB Datasheet HTML 9Page - Analog Devices AD9215BCP-80EB Datasheet HTML 10Page - Analog Devices AD9215BCP-80EB Datasheet HTML 11Page - Analog Devices AD9215BCP-80EB Datasheet HTML 12Page - Analog Devices AD9215BCP-80EB Datasheet HTML 13Page - Analog Devices AD9215BCP-80EB Datasheet HTML 14Page - Analog Devices AD9215BCP-80EB Datasheet HTML 15Page - Analog Devices AD9215BCP-80EB Datasheet HTML 16Page - Analog Devices AD9215BCP-80EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9215
Rev. A | Page 13 of 36
TEMPERATURE (
°C)
10
20
30
0
40
–40
–30
–20
–10
–40
–20
0
20
60
40
80
Figure 27. Gain vs. Temperature External 1 V Reference
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
1024
896
768
640
512
384
256
128
0
CODE
Figure 28. AD9215-105 Typical DNL, fSAMPLE = 105 MSPS, fIN = 2.3 MHz
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
1024
896
768
640
512
384
256
128
0
CODE
Figure 29. AD9215-105 Typical INL, fSAMPLE = 105 MSPS, fIN = 2.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com