Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL10K Datasheet(PDF) 1 Page - Copal Electronics

Part # SL10K
Description  Miniature Power Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SL10K Datasheet(HTML) 1 Page - Copal Electronics

  SL10K Datasheet HTML 1Page - Copal Electronics SL10K Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL10K
Miniature Power Rocker Switches
■Features
1. UL , CSA and VDE approved products.
2. Snap-in panel mounting
3. Compact size is suited for space-saving design.
4. Best suited for power supply of equipment.
5. 100 A rush current type.
6. Breaking distance is 3 mm or over.
RoHS Compliant
CSA
VDE
UL
■Part Numbering
■ :WLJPÄJH[PVUZ
Rating
Load
Inductive load
Resistive
load
Inrush current
(p.f.=0.6)
125VAC
250VAC
10A
125VAC
10A
250VAC
(p.f.=1.0)
100A
60A
60A
36A
Break current
(p.f.=0.9)
10A
10A
6A
6A
Min. rating
10mA 5V AC/DC
Initial contact resistance 20m
Ω max.
(1A 2∼4VDC)
Dielectric strength
1500VAC 1 minute
(Between terminals)
Insulation resistance
100M
Ω min
(500VDC)
(Between terminals)
Electrical life
(cycles) 10,000 20,000 10,000 10,000 10,000
Operating force
3.92
∼12.7N
Operating temperature range
−25∼+85℃
Storage temperature range
−40∼+85℃
SL
  10  K   2  −  5    − Z
ON − OFF
10A
10
K2
5
6
7
9
None
Series code
Current
Switching function
Rocker design
#187
TAB(t=0.5)
Terminal style
Unfigured
■Table of Part Numbers
Frame color and
rocker color
Terminal styles
Switching function
Part No. and rating marking side
Black
TAB
ON
−OFF
☆SL10K2−Z SL10K2−5−Z SL10K2−6−Z SL10K2−7−Z ★SL10K2−9−Z
●For made-to-order products, we accept orders for indication of letters, codes, etc., on the top surface of rocker.
★:Made to order products.
☆:Semi-standard products.


Similar Part No. - SL10K

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SL10 BANNER-SL10 Datasheet
464Kb / 4P
SL10 Series Slot Sensor
logo
AMETHERM Circuit Protec...
SL10 10003 AMETHERM-SL10 10003 Datasheet
332Kb / 2P
Circuit Protection Thermistors
Rev: 1
SL10 2R005 AMETHERM-SL10 2R005 Datasheet
27Kb / 1P
Circuit Protection Thermistors
11/11/2008 Revison: A
logo
PATLITE CORPORATION.
SL10-M1JN-B PATLITE-SL10-M1JN-B Datasheet
790Kb / 5P
Flashing Beacons
Rev. G
SL10-M1JN-G PATLITE-SL10-M1JN-G Datasheet
790Kb / 5P
Flashing Beacons
Rev. G
More results

Similar Description - SL10K

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
Miniature Illuminated Power Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
Miniature Illuminated Power Rocker Switches
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
Miniature Power Rocker Switches
logo
List of Unclassifed Man...
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
Miniature Power Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com