Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRF Datasheet(PDF) 1 Page - Copal Electronics

Part # SRF
Description  Miniature Rotary Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SRF Datasheet(HTML) 1 Page - Copal Electronics

  SRF Datasheet HTML 1Page - Copal Electronics SRF Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRF
Miniature Rotary Switches
RoHS Compliant
■Part Numbering
■ Standard Accessories
《Supplied with switch》
Part Name
Hex Nut
Lockwasher
Washer
Part No.
①140008010240
②140008030056
③140008020009
Dimensions
Finish
−
Zinc plated
Nickel plated
☆SRF112−Z1−pole 2−position
★Combinations of Accessories
Accessories
Part No.
①②③
SRF112
○○○
SRF113
○○○
SRF114
−2
○○
Shaft stop
positions
Terminal connecting common(c)
Circuit
diagram
Number of
step
Step angle
12
1
○
190
°
2
○
●The circuit diagrams show the switches as viewed from the terminal
side with the shaft fully turned in the counterclockwise direction.
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
SRF112
−Z
AC125V 6A
AC250V 3A
20m
Ω Max.
(DC2∼4V 1A)
AC1500V
1 minute
100M
Ω Min.
(DC500V)
10,000
cycles
●Ratings are based on resistance load.
■Panel Cut-Out Dimensions
Panel thickness
  :3.5 mm max.
Terminal numbers are shown on the bottom of the switch.
4
M10×1
18.5±2
14.2
8.5±0.5
24±0.5
45°
3±0.5
D-cut
S R
25
0V
FUJISOKU
1
90°
3-φ2.3
☆:Semi-standard products.
SRF
  1  1  4 −  2  −  Z
Series code
Number of circuits
Number of contacts
Resistration No.
Number of poles


Similar Part No. - SRF

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SRF MERITEK-SRF Datasheet
793Kb / 4P
Load Life : 105C 1000~2000 hours
logo
SIRENZA MICRODEVICES
SRF-1016 SIRENZA-SRF-1016 Datasheet
118Kb / 6P
65 - 300 MHz Silicon Germanium IF Receiver
logo
List of Unclassifed Man...
SRF-1016Z ETC1-SRF-1016Z Datasheet
216Kb / 9P
Reliability Qualification Report
logo
SIRENZA MICRODEVICES
SRF-1016Z SIRENZA-SRF-1016Z Datasheet
118Kb / 6P
65 - 300 MHz Silicon Germanium IF Receiver
logo
Stanford Microdevices
SRF-2016 STANFORD-SRF-2016 Datasheet
127Kb / 7P
200 - 600 MHz Silicon Germanium IF Receiver
More results

Similar Description - SRF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
Miniature ROTA-SLIDE짰 Rotary Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
Hyper-Miniature Dip Rotary Switches
MRB COPAL-MRB Datasheet
391Kb / 2P
Super-Miniature Rotary Switches
MRE COPAL-MRE Datasheet
766Kb / 2P
Miniature Rotary Switches
MR-STEP30 COPAL-MR-STEP30 Datasheet
574Kb / 3P
Miniature Rotary Switches
MR-STEP36 COPAL-MR-STEP36 Datasheet
567Kb / 3P
Miniature Rotary Switches
SMR COPAL-SMR Datasheet
1Mb / 4P
Hyper-Miniature Dip Rotary Switches
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
RW CK-COMPONENTS-RW Datasheet
269Kb / 2P
Sub-miniature Rotary Switches
16 Mar 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com