Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS-10 Datasheet(PDF) 3 Page - Copal Electronics

Part # SS-10
Description  ROTARY SELECTOR SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SS-10 Datasheet(HTML) 3 Page - Copal Electronics

  SS-10 Datasheet HTML 1Page - Copal Electronics SS-10 Datasheet HTML 2Page - Copal Electronics SS-10 Datasheet HTML 3Page - Copal Electronics SS-10 Datasheet HTML 4Page - Copal Electronics SS-10 Datasheet HTML 5Page - Copal Electronics SS-10 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS-10 / S-2050
ROTARY SELECTOR SWITCHES
■ STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
1 pole 4 contacts
1 pole 5 contacts
1 pole 6 contacts
2 poles 3 contacts
−25 ~ 70 °C
Washable by “O” ring
※Please refer to page 150, 151
Approx. 0.84 g (without knob)
Approx. 0.94 g (with knob)
■ MECHANICAL CHARACTERISTICS
No. of positions
3, 4, 5, 6
Adjustment torque
Stopper strength
40 mN·m {408 gf·cm} maximum
50 mN·m {510 gf·cm} minimum
Stepping angle
30° (1 pole 5 contacts)
22.5° (1 pole 6 contacts, with OFF)
28° (1 pole 6 contacts, without OFF)
Terminal strength
15 N {1.53 kgf} minimum
Solderability
245
± 3 °C, 2 ~ 3 s
Soldering heat
Flow soldering
260
± 3 °C, 5 ~ 6 s, two times maximum
Manual soldering
380
± 10 °C, 3 ~ 4 s
■ ELECTRICAL CHARACTERISTICS
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
100 m
Ω maximum
Contact timing
Shorting
Non-shorting
100 M
Ω (DC100 V) minimum
AC300 V, 60 s
1 pole 4 contacts
2 poles 3 contacts
36°
()
{ } : Reference only
2.54
±0.1
8 –
0.8 hole
SS – 10 case
2.54
±0.1
S – 2151 case
 Operating face
2.54
±0.1
S – 2051 case
φ
5 –
0.8 hole
φ
5 –
0.8 hole
φ
S – 2150 case
S – 2050 case
3 2 C1
NC C5 4
3 2 C1
C5 4
3 2 C1
C2 3
6
1
432 1
C
4 3 21
C
Operating face
■ TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
(Unit: mm)
SS-10-15
SS-10-16
SS-10-23
S-2050
S-2051
S-2150
S-2151
Terminal pin layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
Dimension is common to SS-10-15, SS-10-16 and
SS-10-23 series.
■ ENVIRONMENTAL CHARACTERISTICS
Vibration
Shock
Humidity (Steady state)
Load life
High temperature exposure
Low temperature exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
40 °C, Relative humidity 90 ~ 95 %, 240 h
500 cycles minimum
DC5 V, 100 mA
70 °C, 240 h
−25 °C, 96 h
−25 (0.5 h) ~ 70 °C (0.5 h), 5 cycles



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com