Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC-1110 Datasheet(PDF) 3 Page - Copal Electronics

Part # SC-1110
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SC-1110 Datasheet(HTML) 3 Page - Copal Electronics

  SC-1110 Datasheet HTML 1Page - Copal Electronics SC-1110 Datasheet HTML 2Page - Copal Electronics SC-1110 Datasheet HTML 3Page - Copal Electronics SC-1110 Datasheet HTML 4Page - Copal Electronics SC-1110 Datasheet HTML 5Page - Copal Electronics SC-1110 Datasheet HTML 6Page - Copal Electronics SC-1110 Datasheet HTML 7Page - Copal Electronics SC-1110 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SC-1000 / 2000
ROTARY CODED SWITCHES
■ STANDARD SPECIFICATIONS
■ MECHANICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
■ ELECTRICAL CHARACTERISTICS
〈Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230 ℃
Pre Heating Zone
180 ℃
(
℃)
250
200
150
100
50
150 ℃
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
℃
+5
0
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1 μA
1000 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC250 V, 60 s
No. of positions
Adjustment torque
Stepping angle
Terminal strength (Through hole pin only)
Stop strength (With knob only)
Solderability
Soldering
heat
Through
hole pin
Gull wing
Shear (Gull wing only)
Substrate bending (Gull wing only)
Pull-off strength (Gull wing only)
16 (SC-1000), 10 (SC-2000)
4 ~ 20 mN·m {41 ~ 204 gf·cm}
22.5° (SC-1000), 36° (SC-2000)
10 N {1.02 kgf}, 10 s
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf}, 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf}, 10 s
10 N {1.02 kgf} minimum
{ } : Reference only
Flow : 260
± 3 °C as the temperature in
a pot of molten solder, immersion
from head of terminal to backside
of board 5 ~ 6 s, two times
maximum
Manual soldering:380
± 10 °C, 3 ~ 4 s
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
Manual soldering:350
± 10 °C, 3 ~ 4 s
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
BCD (Real code, complementary code)
BCH (Real code, complementary code)
−40 ~ 85 °C
Washable
※Please refer to page 150,151
Without knob Top setting 0.63 g
With knob Top setting 0.73 g
Without knob Side setting 0.76 g
With knob Side setting 0.86 g
Shock
Humidity
Load life
High temperature exposure
Low temperature exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
85 °C, 96 h
Resistance load DC50V 100mA
40 °C, Relative humidity 90 ~ 95 %, 240 h
20000 steps
DC5 V, 100 mA
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
Solvent resistance
(Dipping)
Solvent : IPA (Isopropyl alchol)
Temperature : 23 ± 5 °C
Time : 5 ± 0.5 minutes
Vibration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com