Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCR1206 Datasheet(PDF) 2 Page - Riedon Powertron

Part # PCR1206
Description  Pulse Withstanding Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PCR1206 Datasheet(HTML) 2 Page - Riedon Powertron

  PCR1206 Datasheet HTML 1Page - Riedon Powertron PCR1206 Datasheet HTML 2Page - Riedon Powertron PCR1206 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
12/15
Test
Specification
Test Method
TCR
see above
-55°C~+125°C, 25°C is the reference temperature
Short Time Overload
±(1.0%+0.05Ω)
RCWV*2.5 or Max. overload voltage for 5 seconds
Insulation Resistance
≥10G
Max. overload voltage for 1 minute
Load Life
±(3.0%+0.05Ω)
70±2°C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON” and 0.5 hrs “OFF”
Damp Heat with Load
±(3.0%+0.05Ω)
40±2°C, 90~95% R.H. Max. working voltage for 1000 hrs
with 1.5 hrs “ON” and 0.5 hrs “OFF”
Dry Heat
±(3.0%+0.05Ω)
at +155°C for 1000 hrs
Bending Strength
±(1.0%+0.05Ω)
Bending once for 5 seconds
2010, 2512 sizes: 2mm Other sizes: 3mm
Solderability
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering
Heat
±(1.0%+0.05Ω)
260±5°C for 10 seconds
Voltage Proof
No breakdown or flashover
1.42 times RCWV (RMS) for 1 minute
Leaching
Individual leaching area
<5%
Total leaching area <10%
260±5°C for 30 seconds
Rapid Change of
Temperature
±(1.0%+0.05Ω)
-55°C to +155°C, 5 cycles
RoHS Compliant
Exemption
This part is RoHS compliant
with exemption 7(c)-I, as authorized by 2011/b5/EU.
Specifications
PCR Series
Pulse Withstanding Chip Resistor
Type
Dimensions
L
B
D
C
PCR 0603
0.060 ±0.004
[ 1.6 ±0.1 ]
0.030 ±0.004
[ 0.8 ±0.1 ]
0.018 ±0.004
[ 0.45 ±0.1 ]
0.012 ±0.008
[ 0.3 ±0.2 ]
PCR 0805
0.080 ±0.004
[ 2.0 ±0.1 ]
0.050 ±0.004
[ 1.25 ±0.1 ]
0.020 ±0.004
[ 0.50 ±0.1 ]
0.016 ±0.008
[ 0.4 ±0.2 ]
PCR 1206
0.120 ±0.004
[ 3.1 ±0.1 ]
0.060 ±0.006
[ 1.55 ±0.15 ]
0.022 ±0.004
[ 0.55 ±0.1 ]
0.020 ±0.008
[ 0.5 ±0.2 ]
PCR 1210
0.120 ±0.004
[ 3.1 ±0.1 ]
0.100 ±0.006
[ 2.6 ±0.15 ]
0.022 ±0.004
[ 0.55 ±0.1 ]
0.020 ±0.008
[ 0.5 ±0.2 ]
PCR 2010
0.200 ±0.004
[ 5.0 ±0.1 ]
0.100 ±0.006
[ 2.5 ±0.15 ]
0.022 ±0.004
[ 0.55 ±0.1 ]
0.020 ±0.008
[ 0.5 ±0.2 ]
PCR 2512
0.250 ±0.004
[ 6.35 ±0.1 ]
0.120 ±0.006
[ 3.1 ±0.15 ]
0.022 ±0.004
[ 0.55 ±0.1 ]
0.020 ±0.008
[ 0.5 ±0.2 ]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com