Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2598S-3.3 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2598S-3.3
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598S-3.3 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2598S-3.3 Datasheet HTML 17Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 18Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 19Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 20Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 21Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 22Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 23Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 24Page - National Semiconductor (TI) LM2598S-3.3 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Application Information (Continued)
DELAY CAPACITOR
C
DELAY — Provides delay for the error flag output. See the
upper curve in
Figure 13, and also refer to timing diagrams in
Figure 14. A capacitor on this pin provides a time delay
between the time the regulated output voltage (when it is
increasing in value) reaches 95% of the nominal output
voltage, and the time the error flag output goes high. A 3 µA
constant current from the delay pin charges the delay ca-
pacitor resulting in a voltage ramp. When this voltage
reaches a threshold of approximately 1.3V, the open collec-
tor error flag output (or power OK) goes high. This signal can
be used to indicate that the regulated output has reached the
correct voltage and has stabilized.
If, for any reason, the regulated output voltage drops by 5%
or more, the error output flag (Pin 3) immediately goes low
(internal transistor turns on). The delay capacitor provides
very little delay if the regulated output is dropping out of
regulation. The delay time for an output that is decreasing is
approximately a 1000 times less than the delay for the rising
output. For a 0.1 µF delay capacitor, the delay time would be
approximately 50 ms when the output is rising and passes
through the 95% threshold, but the delay for the output
dropping would only be approximately 50 µs.
R
Pull Up — The error flag output, (or power OK) is the col-
lector of a NPN transistor, with the emitter internally
grounded. To use the error flag, a pullup resistor to a positive
voltage is needed. The error flag transistor is rated up to a
maximum of 45V and can sink approximately 3 mA. If the
error flag is not used, it can be left open.
FEEDFORWARD CAPACITOR
(Adjustable Output Voltage Version)
C
FF — A Feedforward Capacitor CFF, shown across R2 in
Figure 1 is used when the output voltage is greater than 10V
or then C
OUT has a very low ESR. This capacitor adds lead
compensation to the feedback loop and increases the phase
margin for better loop stability. For C
FF selection, see the
design procedure section.
If the output ripple is large (> 5% of the nominal output
voltage), this ripple can be coupled to the feedback pin
through the feedforward capacitor and cause the error com-
parator to trigger the error flag. In this situation, adding a
resistor, R
FF, in series with the feedforward capacitor, ap-
proximately 3 times R1, will attenuate the ripple voltage at
the feedback pin.
INPUT CAPACITOR
C
IN — A low ESR aluminum or tantalum bypass capacitor is
needed between the input pin and ground pin. It must be
located near the regulator using short leads. This capacitor
prevents large voltage transients from appearing at the in-
put, and provides the instantaneous current needed each
time the switch turns on.
The important parameters for the Input capacitor are the
voltage rating and the RMS current rating. Because of the
relatively high RMS currents flowing in a buck regulator’s
input capacitor, this capacitor should be chosen for its RMS
current rating rather than its capacitance or voltage ratings,
although the capacitance value and voltage rating are di-
rectly related to the RMS current rating.
The RMS current rating of a capacitor could be viewed as a
capacitor’s power rating. The RMS current flowing through
the capacitors internal ESR produces power which causes
the internal temperature of the capacitor to rise. The RMS
current rating of a capacitor is determined by the amount of
current required to raise the internal temperature approxi-
mately 10˚C above an ambient temperature of 105˚C. The
ability of the capacitor to dissipate this heat to the surround-
ing air will determine the amount of current the capacitor can
safely sustain. Capacitors that are physically large and have
a large surface area will typically have higher RMS current
ratings. For a given capacitor value, a higher voltage elec-
trolytic capacitor will be physically larger than a lower voltage
capacitor, and thus be able to dissipate more heat to the
surrounding air, and therefore will have a higher RMS cur-
rent rating.
DS012593-65
FIGURE 15. External 3.7V Soft-Start Clamp
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com