Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRF0805-FX-R020ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRF0805-FX-R020ELF
Description  High Power Current Sense Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF0805-FX-R020ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRF0805-FX-R020ELF_16 Datasheet HTML 1Page - Bourns Electronic Solutions CRF0805-FX-R020ELF_16 Datasheet HTML 2Page - Bourns Electronic Solutions CRF0805-FX-R020ELF_16 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Resistancevalueaslowas0.001ohm
n
Highpowerdensity
n
Inductancelessthan5nH
n
RoHScompliant*
n
AEC-Q200qualified,automotivegrade
Applications
n
Powersupplies
n
Steppermotordrives
n
Inputamplifiers
CRFSeries-HighPowerCurrentSenseChipResistor
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Characteristics
Performance Characteristics
Rating
CRF0805
CRF1206
CRF2512
Power Rating @ 70 °C
0.5 W
1 W
(0.001 to 0.010 Ω) 2 W
(0.011 to 0.050 Ω) 1 W
Operating Temperature Range
-55 °C to +170 °C
Derated to Zero Load at
+170 °C
Maximum Working Voltage
(P x R)1/2
Resistance
0.003 ~ 0.020 Ω
0.001 ~ 0.030 Ω
0.001 ~ 0.050 Ω
Resistance Tolerance
1 %, ±5 %
Temperature Coefficient
±100 PPM/°C
(0.001 Ω)
±275 PPM/°C
(0.002 to 0.010 Ω)
±100 PPM/°C
(>0.010 Ω)
±75 PPM/°C
Test
Conditions
Specification
CRF0805
CRF1206
CRF2512
Thermal Shock
-55 ˚C to +150 ˚C,
300 Cycles, 15 minutes
Δ
R < ± 1 %
Δ
R < ± 0.5 %
Short Time Overload
5 X Rated Power for 5 seconds
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
Low Temperature Storage
-55 ˚C for 1000 hours
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
High Temperature Exposure
1000 hours @ + 170 ˚C
Δ
R < ± 1 %
Δ
R < ± 0.5 %
Bias Humidity
+ 85 ˚C, 85 % RH,
10 % Bias, 1000 hours
N/A
Δ
R < ± 1 %
Mechanical Shock
100 g for 6 milliseconds,
5 pulses
N/A
Δ
R < ± 0.5 %
Vibration
Frequency varied 10-2000 KHz
in one minute, 3 directions,
12 hours
N/A
Δ
R < ± 0.5 %
Load Life
1000 hours at rated power at
+70 ˚C, 1.5 hours on, 0.5 hours
off
Δ
R < ± 1 %
Δ
R < ± 1 %
Resistance to Solder Heat
+260 ˚C, 10-12 second dwell,
25 mm/second emergence
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
Moisture Resistance
MIL-STD-202 Method 106, 0 %
power (7a and 7b not required)
Δ
R < ± 0.5 %
Δ
R < ± 0.5 %
R025


Similar Part No. - CRF0805-FX-R020ELF_16

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
CRF Series - High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
More results

Similar Description - CRF0805-FX-R020ELF_16

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
CSR1206-0R007F1 RIEDON-CSR1206-0R007F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R005F RIEDON-CSR2512B0R005F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com