Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBZ18VALT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBZ18VALT1
Description  24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ18VALT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBZ18VALT1 Datasheet HTML 1Page - ON Semiconductor MMBZ18VALT1 Datasheet HTML 2Page - ON Semiconductor MMBZ18VALT1 Datasheet HTML 3Page - ON Semiconductor MMBZ18VALT1 Datasheet HTML 4Page - ON Semiconductor MMBZ18VALT1 Datasheet HTML 5Page - ON Semiconductor MMBZ18VALT1 Datasheet HTML 6Page - ON Semiconductor MMBZ18VALT1 Datasheet HTML 7Page - ON Semiconductor MMBZ18VALT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 7
1
Publication Order Number:
MMBZ5V6ALT1/D
MMBZ5V6ALT1 Series
Preferred Device
24 and 40 Watt Peak Power
Zener Transient Voltage
Suppressors
SOT−23 Dual Common Anode Zeners
for ESD Protection
These dual monolithic silicon Zener diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
anode design protects two separate lines using only one package. These
devices are ideal for situations where board space is at a premium.
Features
• Pb−Free Packages are Available
• SOT−23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
• Working Peak Reverse Voltage Range − 3 V to 26 V
• Standard Zener Breakdown Voltage Range − 5.6 V to 33 V
• Peak Power − 24 or 40 Watts @ 1.0 ms (Unidirectional),
per Figure 5 Waveform
• ESD Rating of Class N (exceeding 16 kV) per the Human
Body Model
• Maximum Clamping Voltage @ Peak Pulse Current
• Low Leakage < 5.0 mA
• Flammability Rating UL 94 V−O
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
Package designed for optimal automated board assembly
Small package size for high density applications
Available in 8 mm Tape and Reel
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
Preferred devices are recommended choices for future use
and best overall value.
SOT−23
CASE 318
STYLE 12
1
3
2
1
2
3
xxx
MARKING
DIAGRAM
xxx
= Device Code
M
= Date Code
See specific marking information in the device marking
column of the table on page 3 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MMBZ18VALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ18VALT1G ONSEMI-MMBZ18VALT1G Datasheet
142Kb / 7P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ18VALT1G ONSEMI-MMBZ18VALT1G Datasheet
148Kb / 8P
Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
logo
Guangdong Youtai Semico...
MMBZ18VALT1G UMW-MMBZ18VALT1G Datasheet
546Kb / 5P
Common Anode Zeners for ESD Protection
More results

Similar Description - MMBZ18VALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
logo
Leshan Radio Company
LMBZ6V8ALT1G LRC-LMBZ6V8ALT1G Datasheet
383Kb / 9P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ4252T1G ONSEMI-SZMMBZ4252T1G Datasheet
142Kb / 7P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com