Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72734 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 62Page - STMicroelectronics ST72734 Datasheet HTML 63Page - STMicroelectronics ST72734 Datasheet HTML 64Page - STMicroelectronics ST72734 Datasheet HTML 65Page - STMicroelectronics ST72734 Datasheet HTML 66Page - STMicroelectronics ST72734 Datasheet HTML 67Page - STMicroelectronics ST72734 Datasheet HTML 68Page - STMicroelectronics ST72734 Datasheet HTML 69Page - STMicroelectronics ST72734 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 144 page
background image
ST72774/ST727754/ST72734
66/144
SYNC PROCESSOR (SYNC) (Cont’d)
4.4.8.2 Vertical Output Measurement
The function of vertical pulse measurement is to:
– Capture the number of HSYNCO pulses during
a Low level of VSYNCO.
– Capture the number of HFBACK pulses during a
Low level of VFBACK (maximum accuracy).
Start the measurement by setting VACQ in the
CFGR. When the measurement is completed this
bit is cleared by hardware. The VGENR and CFGR
registers return the result.
The algorithm is shown in Figure 46.
HLine = 2048 - (V11bits)
Hline maximum value = 2048 (even if real value is
greater)
V11bits = VGENR(8 MSB) and Q'2,Q'1,Q'0 (3
LSB). Refer to Figure 44.
Note: In case of pre/post equalization pulses, set the
2FHINH bit in the CFGR register.
4.4.8.3 Detection of pre equalization pulses
This function uses two bits:
– 2FHDET in POLR register continuously updated
by hardware
– 2FHLAT in LATR register set by hardware when
a higher frequency is detected and reset by soft-
ware
A measurement of the low level of HSYNCO is
necessary before reading this information.
Note: Reset the 2FHLAT bit in the LATR register on the
third Hsync pulse after the Vsync pulse.
Figure 46. Vertical Output Measurement
VR02118B
END
VGENR & CFGR=Result
VACQ=0?
Measure H Lines
Disable V correction Mode
VCORDIS=1, VEXT=0
Disable H internal generation
HVGEN=0
H & VSYNCO Positive polarity
Necessary if Signals
are H/VSYNCO
Select H/VBACK or H/VSYNCO
FBSEL=0 or 1
VACQ=1
Start measurement
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com