Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774J7B1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST72774J7B1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774J7B1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST72774J7B1 Datasheet HTML 68Page - STMicroelectronics ST72774J7B1 Datasheet HTML 69Page - STMicroelectronics ST72774J7B1 Datasheet HTML 70Page - STMicroelectronics ST72774J7B1 Datasheet HTML 71Page - STMicroelectronics ST72774J7B1 Datasheet HTML 72Page - STMicroelectronics ST72774J7B1 Datasheet HTML 73Page - STMicroelectronics ST72774J7B1 Datasheet HTML 74Page - STMicroelectronics ST72774J7B1 Datasheet HTML 75Page - STMicroelectronics ST72774J7B1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 144 page
background image
ST72774/ST727754/ST72734
72/144
SYNC PROCESSOR (SYNC) (Cont’d)
HORIZONTAL SYNC GENERATOR REGISTER
(HGENR)
Read/Write
Reset Value: 0000 0000 (00h)
Case HVGEN = 1: Generation mode
In this mode, this register contains the Hsync free-
running frequency.
The generated signal is:
- Pulse width: 2 µs.
- Period PH = ((HGENR+1)/4) µs.
- Polarity: Positive
Note: The value in HGENR must be in the range [8..255]
.
Case HVGEN = 0: Analyzer/corrector Mode
Sub-case HACQ = 1: Analyzer Mode
By setting HACQ bit by software the Analyzer
mode starts. When HACQ is cleared by hardware,
HGENR
returns
the
duration
of
HSYNCO/
HFBACK low level. The analysis should be done
before corrector mode.
Sub-case HACQ = 0: Corrector Mode
In this mode, the final HSYNCO signal on the pin
can be corrected in order to detect and inhibit pre/
post equalization pulses.
VERTICAL
SYNC
GENERATOR
REGISTER
(VGENR)
Read/Write
Reset Value: 0000 0000 (00h)
Case HVGEN = 1: Generation mode
In this mode, this register contains the Vsync free-
running frequency (11-bit value).
The generated signal is:
- Pulse width: 4 * PH µs (horizontal period).
- Period PV = PH * (V11bits) µs.
- Polarity: Positive
Note: The value in VGENR must be in the range [5..255]
The Vsync generation mode works as an 11-bit hor-
izontal line counter (2047 scan lines per frame
max.). The 3 LSB are in the CFGR register. Refer
to Figure 44.
Case HVGEN = 0: Analyzer/Corrector Mode
Sub-case VACQ = 1: Analyzer Mode
Set the VACQ bit to start analyzer mode. When
VACQ is cleared by hardware, VGENR/CFGR
returns the number of scan lines during the
VSYNCO/VFBACK low level period.
Sub-case VACQ = 0: Corrector Mode
VSYNCO pulse width is extended by VGENR scan
lines. If VGENR = 0, all VSYNCO corrections are
disabled.
70
MSB
LSB
70
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com