Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774S7T1 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST72774S7T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774S7T1 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST72774S7T1 Datasheet HTML 70Page - STMicroelectronics ST72774S7T1 Datasheet HTML 71Page - STMicroelectronics ST72774S7T1 Datasheet HTML 72Page - STMicroelectronics ST72774S7T1 Datasheet HTML 73Page - STMicroelectronics ST72774S7T1 Datasheet HTML 74Page - STMicroelectronics ST72774S7T1 Datasheet HTML 75Page - STMicroelectronics ST72774S7T1 Datasheet HTML 76Page - STMicroelectronics ST72774S7T1 Datasheet HTML 77Page - STMicroelectronics ST72774S7T1 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 144 page
background image
ST72774/ST727754/ST72734
74/144
SYNC PROCESSOR (SYNC) (Cont’d)
Table 21. SYNC Register Map and Reset Values
Address
(Hex.)
Register
Name
76
54
32
10
40
CFGR
Reset Value
HACQ
0
VACQ
0
-
0
2FHINH
0
VEXT
0
Q’2
0
Q’1
0
Q’0
0
41
MCR
Reset Value
BP1
0
BP0
0
FBSEL
1
SCI0
0
HS1
0
HS0
0
VOP
0
-
0
42
CCR
Reset Value
PSCD
0
LCV1
0
LCV0
0
CV4
0
CV3
0
CV2
0
CV1
0
CV0
0
43
POLR
Reset Value
SOG
0
0
0
VPOL
0
2FHDET
0
HVSEL
1
VCORDIS
0
CLPINV
0
BLKINV
0
44
LATR
Reset Value
CSYN
0
HSYN
0
VSYN
0
HFLY
0
VFLY
0
UPLAT
0
DWNLAT
0
2FHLAT
0
45
HGENR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
46
VGENR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
47
ENR
Reset Value
SYNOP
1
CLMPEN
1
BLKEN
0
HVGEN
0
2FHEN
0
HINH
0
HSIN1
1
VSIN1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com