Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87427 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  PC87427 Datasheet HTML 1Page - National Semiconductor (TI) PC87427 Datasheet HTML 2Page - National Semiconductor (TI) PC87427 Datasheet HTML 3Page - National Semiconductor (TI) PC87427 Datasheet HTML 4Page - National Semiconductor (TI) PC87427 Datasheet HTML 5Page - National Semiconductor (TI) PC87427 Datasheet HTML 6Page - National Semiconductor (TI) PC87427 Datasheet HTML 7Page - National Semiconductor (TI) PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
www.national.com
4
Revision 1.0
Features (Continued)
s
Watchdog
— Compliant with Watchdog Timer Hardware Require-
ments for Microsoft Windows .NET Server, April 2002
— Autonomous system reset and programmable ad-
dress line forcing on expiration of watchdog timer
— Generates a 100 ms pulse at WDO pin
Clocking, Supply and Package Information
s
Strap Input Controlled Operating Modes
— Base Address (BADDR) for the PnP Index-Data
register pair
— Input clock presence (CKIN48) select
— X-Bus configuration (XCNF2-0) select
— SMBus slave address (SMBSA) select
— High frequency clock selection (HFCKS)
s
Testability
— XOR tree structure
❏
Includes all the device pins (except the supply
pins, oscillator pins and CHASSIS pin)
❏
Selected at power-up by strap input (TEST)
— TRI-STATE device pins, selected at power-up by
strap input (TRIS)
s
Clocks
— LPC clock input (up to 33 MHz)
— ServerI/O modules clock: 48 MHz input or internal
clock multiplier
— 32.768 KHz crystal
— On-chip low-frequency clock generator:
❏
32.768 KHz for RTC, System Wake-Up Control
(SWC), Power Active timers and the high-fre-
quency clock generator
❏
Very low power consumption
❏
VBAT powered
— On-chip high-frequency clock generator:
❏
Based on the 32.768 KHz clock
❏
VSB powered
— Clock outputs:
❏
LFCKOUT - 32.768 KHz or 1 Hz
❏
HFCKOUT - configurable up to 48 MHz. The de-
fault frequency 6, 10, 24 or 40 MHz, configurable
by strap.
s
Protection
— All pins are 5V tolerant and back-drive protected
(except the LPC bus pins)
— Separate battery pin that includes an internal UL
protection resistor
— GPIO multiplexing configuration lock
s
Power Supply
— 3.3V supply operation
— Separate pins for main (VDD) and standby (VSB)
power supplies
— Backup battery input for RTC, SWC and Power
Active timers
— Separate pin for core voltage filtering (VCORF)
— Reduced standby power consumption
— Very low power consumption for RTC and timers
(0.9
µA typical) from backup battery
s
Package
— 128-pin PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com