Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCM811FERC Datasheet(PDF) 4 Page - Microchip Technology

Part # TCM811FERC
Description  4-Pin Microcontroller Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811FERC Datasheet(HTML) 4 Page - Microchip Technology

  TCM811FERC Datasheet HTML 1Page - Microchip Technology TCM811FERC Datasheet HTML 2Page - Microchip Technology TCM811FERC Datasheet HTML 3Page - Microchip Technology TCM811FERC Datasheet HTML 4Page - Microchip Technology TCM811FERC Datasheet HTML 5Page - Microchip Technology TCM811FERC Datasheet HTML 6Page - Microchip Technology TCM811FERC Datasheet HTML 7Page - Microchip Technology TCM811FERC Datasheet HTML 8Page - Microchip Technology TCM811FERC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TCM811/TCM812
DS21615B-page 4
 2002 Microchip Technology Inc.
2.0
APPLICATIONS INFORMATION
The TCM811/TCM812 provides accurate V
DD monitor-
ing and reset timing during power-up, power-down, and
brownout/sag conditions. These devices also reject
negative-going transients (glitches) on the power sup-
ply line. Figure 2-1 shows the maximum transient dura-
tion vs. maximum negative excursion (overdrive) for
glitch rejection. Any combination of duration and over-
drive that is under the curve will not generate a reset
signal. Combinations above the curve are detected as
a brownout or power-down. Transient immunity can be
improved by adding a 0.1 µF capacitor in close proxim-
ity to the V
DD pin of the TCM811/812.
FIGURE 2-1:
Maximum
Transient
Duration
vs.
Overdrive for Glitch Rejection at 25°C.
2.1
RESET Signal Integrity During Power-
Down
The TCM811 RESET push-pull output is valid to V
DD =
1.0V. Below this voltage the output becomes an "open
circuit" and does not sink current. This means CMOS
logic inputs to the microcontroller will be floating at an
undetermined voltage. Most digital systems are com-
pletely shutdown well above this voltage. However, in
situations where RESET must be maintained valid to
V
DD = 0V, a pull-down resistor must be connected from
RESET to ground to discharge stray capacitances and
hold the output low (Figure 2-2). This resistor value,
though not critical, should be chosen such that it does
not appreciably load RESET under normal operation
(100 k
Ω will be suitable for most applications). Simi-
larly, a pull-up resistor to V
DD is required for the
TCM812 to ensure a valid high RESET for V
DD below
1.1V.
FIGURE 2-2:
The addition of R1 at the RESET
output of the TCM811 ensures that the RESET output
is valid to V
DD = 0V.
2.2
Controllers and Processors With
Bidirectional I/O Pins
Some microcontrollers have bi-directional reset pins.
Depending on the current drive capability of the control-
ler pin, an indeterminate logic level may result if there
is a logic conflict. This can be avoided by adding a
4.7 k
Ω resistor in series with the output of the TCM811/
TCM812 (Figure 2-3). If there are other components in
the system which require a reset signal, they should be
buffered so as not to load the reset line. If the other
components are required to follow the reset I/O of the
microcontroller, the buffer should be connected as
shown with the solid line.
FIGURE 2-3:
Interfacing the TCM811 to a Bi-
directional Reset I/O.
RESET COMPARATOR OVERDRIVE,
VTH - VDD (mV)
400
240
160
320
80
0
1
10
100
1000
TA = +25˚C
VTH
Duration
Overdrive =
VD D
VDD
TCM81xL/M
TCM81xR/S/T
TCM811
V
DD
V
DD
R1
100 k
RESET
GND
4
2
0.1µF
1
TCM811
V
DD
RESET
GND
RESET
GND
Buffered RESET
To Other System
Components
BUFFER
Micro
4.7 k
controller
0.1µF
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com