Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73871
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73871_13 Datasheet HTML 5Page - Microchip Technology MCP73871_13 Datasheet HTML 6Page - Microchip Technology MCP73871_13 Datasheet HTML 7Page - Microchip Technology MCP73871_13 Datasheet HTML 8Page - Microchip Technology MCP73871_13 Datasheet HTML 9Page - Microchip Technology MCP73871_13 Datasheet HTML 10Page - Microchip Technology MCP73871_13 Datasheet HTML 11Page - Microchip Technology MCP73871_13 Datasheet HTML 12Page - Microchip Technology MCP73871_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 9
MCP73871
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = 4.6V to 6V.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low-to-High
Current Regulation
Transition Time Out of Precondition
tDELAY
—
—
10
ms
VBAT < VPTH to VBAT > VPTH
Current Rise Time Out of Precondition
tRISE
—
—
10
ms
IOUT Rising to 90% of IREG
Precondition Comparator Filter Time
tPRECON
0.4
1.3
3.2
ms
Average VBAT Rise/Fall
Termination Comparator Filter Time
tTERM
0.4
1.3
3.2
ms
Average IOUT Falling
Charge Comparator Filter Time
tCHARGE
0.4
1.3
3.2
ms
Average VBAT Falling
Thermistor Comparator Filter Time
tTHERM
0.4
1.3
3.2
ms
Average THERM Rise/Fall
Elapsed Timer
Elapsed Timer Period
tELAPSED
—
0
—
Hours
3.6
4.0
4.4
Hours
5.4
6.0
6.6
Hours
7.2
8.0
8.8
Hours
Status Indicators
Status Output Turn-off
tOFF
—
—
500
μsISINK = 1 mA to 0 mA
Status Output Turn-on
tON
—
—
500
μsISINK = 0 mA to 1 mA
Note 1:
Internal safety timer is tested based on internal oscillator frequency measurement.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = 4.6V to 6V.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 20LD-QFN, 4x4
JA
—
50
—
°C/W
4-Layer JC51-7 Standard Board,
Natural Convection
JC
—8
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com