Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-1AAI/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73871-1AAI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-1AAI/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73871-1AAI/ML Datasheet HTML 9Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 10Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 11Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 12Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 13Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 14Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 15Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 16Page - Microchip Technology MCP73871-1AAI/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 13
MCP73871
Note: Unless otherwise indicated, VIN = [VREG(typical) + 1V], IOUT = 10 mA and TA = +25°C, Constant Voltage mode.
FIGURE 2-13:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-14:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-15:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-16:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-17:
Thermistor Current (ITHERM)
vs. Supply Voltage (VDD).
FIGURE 2-18:
Thermistor Current (ITHERM)
vs. Ambient Temperature (TA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com