Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73837
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73837_15 Datasheet HTML 17Page - Microchip Technology MCP73837_15 Datasheet HTML 18Page - Microchip Technology MCP73837_15 Datasheet HTML 19Page - Microchip Technology MCP73837_15 Datasheet HTML 20Page - Microchip Technology MCP73837_15 Datasheet HTML 21Page - Microchip Technology MCP73837_15 Datasheet HTML 22Page - Microchip Technology MCP73837_15 Datasheet HTML 23Page - Microchip Technology MCP73837_15 Datasheet HTML 24Page - Microchip Technology MCP73837_15 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 21
MCP73837/8
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current,
and thermal impedance between the battery charger
and the ambient cooling air.
The worst-case situation is when the device has transi-
tioned from the Preconditioning mode to the Constant
Current mode. In this situation, the battery charger has
to dissipate the maximum power. A trade-off must be
made between the charge current, cost, and thermal
requirements of the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The preferred fast charge current for Lithium-Ion cells
should always follow references and guidance from
battery manufacturers. For example, programming
700 mA fast charge current for a 1000 mAh Li-Ion
battery pack if its preferred fast charge rate is 0.7C.
This will result in the shortest charge cycle time without
degradation of a battery's life and performance.
6.1.1.2
Input Over-Voltage Protection
Input over-voltage protection must be used when the
input power source is hot-pluggable. This includes USB
cables and wall-type power supplies. The cabling of
these supplies acts as an inductor. When the supplies
are connected/ disconnected from the system, large
voltage transients are created which may damage the
system circuitry. These transients should be snubbed
out. A TransZorb® diode (unidirectional or bidirec-
tional), connected from the VAC and VUSB inputs to 0V
ground reference, will snub the transients. An example
of this can be shown in Figure 6-4.
FIGURE 6-4:
Input Over-Voltage Protection Example.
STAT1
VAC
VSS
/PG
VBAT
Single
Li-Ion
Cell
4
MCP73837
5
3
1
2
STAT2
THERM
VUSB
PROG1
PROG2
USB Port
6
7
Hi
Low
Thermistor
RPROG
8
9
10
1 kΩ
1 kΩ
1 kΩ
REGULATED
5V WALL CUBE
CIN1
CIN2
COUT
SMAJ5.0A/AC
SMAJ5.0A/AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com