Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-1CCI/ML Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP73871-1CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-1CCI/ML Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP73871-1CCI/ML Datasheet HTML 3Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 4Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 5Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 6Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 7Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 8Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 9Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 10Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 7
MCP73871
Charge Transistor ON-Resistance
ON-Resistance
RDSON_
—
200
—
m
VDD = 4.5V, TJ = 105°C
BAT-to-OUT Pass Transistor ON-Resistance
ON-Resistance
RDS_ON
—
200
—
m
VDD = 4.5V, TJ = 105°C
Battery Discharge Current
Output Reverse
Leakage Current
IDISCHARGE
—30
40
μA
Shutdown
(VBAT < VDD < VUVLO)
—30
40
μA
Shutdown (0 < VDD < VBAT)
—30
40
μAVBAT = Power Out, No Load
—
-6
-13
μA
Charge Complete
Status Indicators - STAT1 (LBO), STAT2, PG
Sink Current
ISINK
—16
35
mA
Low Output Voltage
VOL
—
0.4
1
V
ISINK = 4 mA
Input Leakage Current
ILK
—
0.01
1
μA
High Impedance, VDD on pin
Low Battery Indicator (LBO)
Low Battery Detection
Threshold
VLBO
—
Disable
—
VBAT > VIN, PG = Hi-Z
TA = -5°C to +55°C
2.85
3.0
3.15
V
2.95
3.1
3.25
V
3.05
3.2
3.35
V
Low Battery Detection
Hysteresis
VLBO_HYS
—
150
—
mV
VBAT Low-to-High
PROG1 Input (PROG1)
Charge Impedance
Range
RPROG
1
—
20
k
PROG3 Input (PROG3)
Termination Impedance
Range
RPROG
5
—
100
k
PROG2 Input (PROG2)
Input High Voltage Level
VIH
1.8
—
—
V
Input Low Voltage Level
VIL
—
—
0.8
V
Input Leakage Current
ILK
—
0.01
1
μAVPROG2 = VDD
Timer Enable (TE)
Input High Voltage Level
VIH
1.8
—
—
V
Note 1
Input Low Voltage Level
VIL
—
—
0.8
V
Note 1
Input Leakage Current
ILK
—
0.01
1
μAVTE = VDD
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = VREG + 0.3V to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VIN = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The value is ensured by design and not production tested.
2:
The maximum available charge current is also limited by the value set at PROG1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com