Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73831-2ATI/MC Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73831-2ATI/MC
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ATI/MC Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73831-2ATI/MC Datasheet HTML 9Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 10Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 11Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 12Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 13Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 14Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 15Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 16Page - Microchip Technology MCP73831-2ATI/MC Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 13
MCP73831/2
4.0
DEVICE OVERVIEW
The MCP73831/2 are highly advanced linear charge
management controllers. Figure 4-1 depicts the
operational flow algorithm from charge initiation to
completion and automatic recharge.
FIGURE 4-1:
Flowchart.
4.1
Undervoltage Lockout (UVLO)
An internal UVLO circuit monitors the input voltage and
keeps the charger in Shutdown mode until the input
supply rises above the UVLO threshold. The UVLO
circuitry has a built in hysteresis of 100 mV.
In the event a battery is present when the input power
is applied, the input supply must rise to a level 150 mV
above the battery voltage before the MCP73831/2
become operational.
The UVLO circuit places the device in Shutdown mode
if the input supply falls to within +50 mV of the battery
voltage. Again, the input supply must rise to a level
150 mV above the battery voltage before the
MCP73831/2 become operational.
The UVLO circuit is always active. Whenever the input
supply is below the UVLO threshold or within +50 mV
of the voltage at the VBAT pin, the MCP73831/2 are
placed in Shutdown mode.
During any UVLO condition, the battery reverse
discharge current is less than 2 µA.
4.2
Battery Detection
A 6 µA (typical) current is sourced by the VBAT pin to
determine if a battery is present or not. If the voltage at
VBAT rises to VREG + 100 mV (typical), the device
assumes that a battery is not present. If the voltage
stays below VREG + 100 mV (typical), the device
assumes that a battery is detected. In order to correctly
detect a battery insertion, the impedance seen by the
VBAT pin before the battery is connected must be
greater than 2 MΩ.
4.3
Charge Qualification
For a charge cycle to begin, all UVLO conditions must
be met and a battery or output load must be present. A
charge current programming resistor must be
connected from PROG to VSS. If the PROG pin is open
or floating, the MCP73831/2 are disabled and the
battery reverse discharge current is less than 2 µA. In
this manner, the PROG pin acts as a charge enable
and can be used as a manual shutdown.
4.4
Preconditioning
If the voltage at the VBAT pin is less than the
preconditioning threshold, the MCP73831/2 enter a
preconditioning
or
Trickle
Charge
mode.
The
preconditioning threshold is factory set. Refer to
Section 1.0
“Electrical
Characteristics”
for
preconditioning threshold options and the Product
Identification System for standard options.
In this mode, the MCP73831/2 supply a percentage of
the charge current (established with the value of the
resistor connected to the PROG pin) to the battery. The
percentage or ratio of the current is factory set. Refer to
Section 1.0
“Electrical
Characteristics”
for
preconditioning current options and the Product Iden-
tification System for standard options.
When the voltage at the VBAT pin rises above the
preconditioning threshold, the MCP73831/2 enter the
Constant-Current or Fast Charge mode.
SHUTDOWN MODE
VDD < VUVLO
VDD < VBAT
or
PROG > 200 k
STAT =
High Z
PRECONDITIONING
MODE
Charge Current = IPREG
STAT = LOW
FAST CHARGE
MODE
Charge Current = IREG
STAT = LOW
CONSTANT VOLTAGE
MODE
Charge Voltage = VREG
STAT = LOW
VBAT < VPTH
VBAT > VPTH
VBAT = VREG
VBAT < VRTH
VBAT > VPTH
IBAT < ITERM
CHARGE COMPLETE
MODE
No Charge Current
STAT = HIGH (MCP73831)
STAT =
High Z (MCP73832)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com