Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73837-GPI/UN Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73837-GPI/UN
Description  Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837-GPI/UN Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73837-GPI/UN Datasheet HTML 5Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 6Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 7Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 8Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 9Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 10Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 11Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 12Page - Microchip Technology MCP73837-GPI/UN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20002071C-page 9
MCP73837/8
Note: Unless otherwise indicated, VDD = [VREG(typical) + 1V], IOUT = 30 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-7:
Charge Current (IOUT) vs.
Supply Voltage (VDD).
FIGURE 2-8:
Charge Current (IOUT) vs.
Supply Voltage (VDD).
FIGURE 2-9:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-10:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-11:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-12:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
700
750
800
850
900
950
1000
1050
1100
1150
1200
4.5
4.8
5.0
5.3
5.5
5.8
6.0
Supply Voltage (V)
RPROG = 1 kΩ
Temp = +25°C
90
92
94
96
98
100
102
104
4.5
4.8
5.0
5.3
5.5
5.8
6.0
Supply Voltage (V)
RPROG = 10 kΩ
Temp = +25°C
700
750
800
850
900
950
1000
1050
1100
-40 -30 -20 -10 0 1020 304050 607080
Ambient Temperature (°C)
RPROG = 1 kΩ
VDD = 5.2V
90
92
94
96
98
100
102
104
106
108
110
-40 -30 -20 -10 0 10 20 304050607080
Ambient Temperature (°C)
RPROG = 10 kΩ
VDD = 5.2V
45
46
47
48
49
50
51
52
53
54
55
-40 -30 -20 -10 0 10 2030 405060 7080
Ambient Temperature (°C)
RPROG = 20 kΩ
VDD = 5.2V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
Junction Temperature (°C)
RPROG = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com