Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS79601 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS79601
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79601 Datasheet(HTML) 2 Page - Texas Instruments

  TPS79601 Datasheet HTML 1Page - Texas Instruments TPS79601 Datasheet HTML 2Page - Texas Instruments TPS79601 Datasheet HTML 3Page - Texas Instruments TPS79601 Datasheet HTML 4Page - Texas Instruments TPS79601 Datasheet HTML 5Page - Texas Instruments TPS79601 Datasheet HTML 6Page - Texas Instruments TPS79601 Datasheet HTML 7Page - Texas Instruments TPS79601 Datasheet HTML 8Page - Texas Instruments TPS79601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
TRANSPORT
PRODUCT
VOLTAGE
PACKAGE
TJ
SYMBOL
PART NUMBER
MEDIA, QUANTITY
TPS79601DCQ
Tube, 78
SOT223-6
PS79601
TPS79601DCQR
Tape and Reel, 2500
TPS79601
1.2 to 5.5 V
TPS79601KTTT
Reel, 50
DDPAK
TPS79601
TPS79601KTTR
Reel, 500
TPS79618DCQ
Tube, 78
SOT223-6
PS79618
TPS79618DCQR
Tape and Reel, 2500
TPS79618
1.8 V
TPS79618KTTT
Reel, 50
DDPAK
TPS79618
TPS79618KTTR
Reel, 500
TPS79625DCQ
Tube, 78
SOT223-6
PS79625
TPS79625DCQR
Tape and Reel, 2500
TPS79625
2.5 V
TPS79625KTTT
Reel, 50
DDPAK
TPS79625
TPS79625KTTR
Reel, 500
TPS79628DCQ
Tube, 78
SOT223-6
PS79628
TPS79628DCQR
Tape and Reel, 2500
-40
°C to +125°C
TPS79628KTTT
Reel, 50
DDPAK
TPS79628
TPS79628KTTR
Reel, 500
TPS79628
2.8 V
TPS79628DRB
Tube, 78
TPS79628DRBR
Tape and Reel, 2500
3 x 3 SON
AMI
TPS79628DRBG4
Tube, 78
TPS79628DRBG4R
Tape and Reel, 2500
TPS79630DCQ
Tube, 78
SOT223-6
PS79630
TPS79630DCQR
Tape and Reel, 2500
TPS79630
3 V
TPS79630KTTT
Reel, 50
DDPAK
TPS79630
TPS79630KTTR
Reel, 500
TPS79633DCQ
Tube, 78
SOT223-6
PS79633
TPS79633DCQR
Tape and Reel, 2500
TPS79633
3.3 V
TPS79633KTTT
Reel, 50
DDPAK
TPS79633
TPS79633KTTR
Reel, 500
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com