Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AQF360E_SERIES Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # AQF360E_SERIES
Description  240W Convection without FAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF360E_SERIES Datasheet(HTML) 4 Page - Arch Electronics Corp.

  AQF360E_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AQF360E_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AQF360E_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AQF360E_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AQF360E_SERIES Datasheet HTML 5Page - Arch Electronics Corp. AQF360E_SERIES Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VER : B_3
update : 2010.11.30
AC-DC Switching Power Supply
AQF360E SERIES
360 Watts
EFFICIENCY VERSUS LOAD
AQF360E-12S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
86.12
88.20
90.15
90.69
90.95
Load (%)
0
10
20
30
40
50
115V (%)
0
83.25
87.43
89.02
89.67
89.80
230V (%)
0
84.38
88.94
90.75
91.24
91.49
Load (%)
60
70
80
90
100
115V (%)
89.64
89.39
89.00
88.65
88.20
230V (%)
91.46
91.38
91.22
91.02
90.09
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
AQF360E-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
88.36
90.35
92.13
92.67
92.96
Load (%)
0
10
20
30
40
50
115V (%)
0
84.77
88.62
90.54
91.14
91.33
230V (%)
0
85.54
90.08
92.06
92.62
92.99
Load (%)
60
70
80
90
100
115V (%)
91.32
91.18
90.98
90.70
90.35
230V (%)
93.08
93.08
93.02
92.91
92.67
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com