Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AQF360F_SERIES Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AQF360F_SERIES
Description  Enclosed Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF360F_SERIES Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AQF360F_SERIES Datasheet HTML 1Page - Arch Electronics Corp. AQF360F_SERIES Datasheet HTML 2Page - Arch Electronics Corp. AQF360F_SERIES Datasheet HTML 3Page - Arch Electronics Corp. AQF360F_SERIES Datasheet HTML 4Page - Arch Electronics Corp. AQF360F_SERIES Datasheet HTML 5Page - Arch Electronics Corp. AQF360F_SERIES Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VER : B_4
update : 2010.11.30
AC-DC Switching Power Supply
AQF360F SERIES
360 Watts
ELECTRICAL SPECIFICATIONS
Model No.
AQF360F-12S
AQF360F-24S
AQF360F-36S
AQF360F-48S
AQF360F-54S
Dimension (L x W x H)
7.8 x 3.2 x 1.6 Inches
(197.7 x 81.3 x 41.0 mm ) Tolerance
±0.5 mm
Weight
746 g
Physical
Cooling Method
Cooling by Built-in DC FAN
Safety
Agency Approvals
CE, UL60950
EMI
(Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
MECHANICAL DIMENSION
( Top View )
Standard
PIN#
SINGLE
1
FG
2
AC IN (N)
3
AC IN (L)
4~6
+DC OUT
7~9
-DC OUT
A Type
PIN#
SINGLE
1
FG
2
AC IN (N)
3
AC IN (L)
4~9
+DC OUT
10~15
-DC OUT
1. All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com