Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK1461B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK1461B
Description  HIGH SPEED/VOLTAGE OP AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1461B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK1461B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
ISO 9001 CERTIFIED BY DSCC
FEATURES:
Extremely Fast - 500v/µS
Wide Supply Range ±15V to ±45V
VMOS Output, No S.O.A. Restrictions
Large Gain-Bandwidth Product
FET Input
Electrically Isolated Case
800mA Typical Output Current
1461
HIGH SPEED/VOLTAGE
OP AMP
The MSK 1461 is a state of the art high speed FET input operational amplifier. The distinguishing characteristic
of the MSK 1461 is its unique VMOS output stage which completely eliminates the safe operating area restrictions
associated with secondary breakdown of bipolar transistor output stage op-amps. Freedom from secondary break-
down allows the 1461 to handle large output currents at any voltage level limited only by transistor junction tempera-
ture. 115 dB of open loop gain gives the 1461 high closed loop gain accuracy and the typical ±1.0mV of input offset
voltage will fit well in any error budget. A 500 V/µS slew rate and 1200 MHz gain bandwidth product make the 1461
an outstanding high-speed op-amp. A single external capacitor is used for compensation and output current limiting
is user programmable through the selection of two external resistors.
DESCRIPTION:
MIL-PRF-38534 CERTIFIED
8
9
10
11
12
13
14
Output
Positive Current Limit
Positive Power Supply
Compensation
Compensation
Offset Adjust
Offset Adjust
1
2
3
4
5
6
7
Inverting Input
Non-Inverting Input
No Connection
No Connection
Negative Power Supply
Negative Current Limit
No Connection
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
Video Yoke Drivers
Video Distribution Amplifiers
High Accuracy Audio Amplification
High Speed ATE Pin Drivers
EQUIVALENT SCHEMATIC
Rev. B 8/00
1


Similar Part No. - MSK1461B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK1461B ANAREN-MSK1461B Datasheet
183Kb / 6P
HIGH SPEED/VOLTAGE OP AMP
More results

Similar Description - MSK1461B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
High-Speed, Low-Power, Voltage Feedback Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
List of Unclassifed Man...
MSK130 ETC1-MSK130 Datasheet
331Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130 Datasheet
341Kb / 5P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
logo
Anaren Microwave
MSK130 ANAREN-MSK130 Datasheet
466Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
HIGH SPEED/VOLTAGE OP AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com