Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19035-AAABE/MF Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP19035-AAABE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035-AAABE/MF Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP19035-AAABE/MF Datasheet HTML 18Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 19Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 20Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 21Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 22Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 23Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 24Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 25Page - Microchip Technology MCP19035-AAABE/MF Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MCP19035
DS22326B-page 22
 2012-2013 Microchip Technology Inc.
The low-side MOSFET (synchronous rectifier) is “soft-
commutated” by the energy stored in the inductor , thus
reducing the switching losses. For the low-side transis-
tor, the power losses mainly consist of conduction
losses, body diode conduction losses and body diode
reverse recovery losses.
Similarly to the high-side, the RMS current that pass
through the low-side MOSFET is calculated using
Equation 5-14:
EQUATION 5-14:
RMS CURRENT FOR
LOW-SIDE MOSFET
The conduction losses for low-side MOS transistor are
estimated in Equation 5-15:
EQUATION 5-15:
CONDUCTION LOSSES
FOR LOW-SIDE
TRANSISTOR
The body diode conduction loss is calculated in
Equation 5-16:
EQUATION 5-16:
BODY DIODE
CONDUCTION LOSSES
The body diode recovery time losses will be calculated
using Equation 5-17:
EQUATION 5-17:
BODY DIODE REVERSE
RECOVERY LOSSES
The total power loss for the low-side MOSFET can now
be estimated by summing the power losses in
Equation 5-18:
EQUATION 5-18:
TOTAL POWER LOSS FOR
LOW-SIDE MOSFET (SR)
The conduction losses are the dominant part of the total
losses for the low-side transistor; choose a MOSFET
with a low RDS(on).
The body diode conduction and reverse recovery
losses can be greatly minimized by reducing the Dead
Times necessary to prevent the shoot-through. This
can be achieved by choosing transistors that have a
very low Figure of Merit (FOM) MOSFET for both sides.
5.2.7
BOOTSTRAP CAPACITOR
SELECTION
The selection of the bootstrap capacitor is based upon
the total gate charge of the high-side power MOSFET
and the allowable droop in gate drive voltage while the
high-side power
MOSFET
is conducting (see
Equation 5-19).
EQUATION 5-19:
BOOTSTRAP CAPACITOR
It is recommended that the voltage droop does not
exceed 50 mV. A low ESR, ceramic capacitor, rated at
least 16 VDC, is recommended.
I
RMS Low-Side
1D
–

I
OUT
2
I
Ripple
2
12
----------------
+



=
Where:
D = Duty Cycle
IOUT = Output Current (A)
IRipple = Current Ripple in the Inductor
(typically 30% of the maximum output
current) (A)
P
CON D Low-Side
I
RMS Low -Side
2 R
DS on
LS max

=
P
LOSS BD
I
OUT
V
F
t
BD
f
SW
=
Where:
VF = Forward Voltage of the Body Diode (V)
tBD = Total Conduction Time for Body Diode (s)
P
RR
Q
RR
V
IN
f
SW
2
----------------------------------------
=
Where:
QRR = Reverse Recovery Charge of the Body Diode (C)
P
Loss Low -Side
P
COND Low-Side
P
LOSS BD
P
RR
++
=
C
BOOT
Q
G Total

V
DROOP
------------------------
=
Where:
QG(Total) = High-side MOSFET Total Gate Charge (C)
∆VDROOP = Allowable Gate Drive Voltage Droop (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com