| Electronic Components Datasheet Search |
|
MCP19125-E/MJ Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19125-E/MJ Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 236 page ![]() 2016 Microchip Technology Inc. DS20005619A-page 13 MCP19124/5 2.0 PIN DESCRIPTION The 24-lead MCP19124 and 28-lead MCP19125 devices feature pins that have multiple functions associated with each pin. Table 2-1 provides a description of the different functions. Refer to Section 2.1 “Detailed Pin Functional Description” for more information. TABLE 2-1: MCP19124/5 PINOUT DESCRIPTION Name Function Input Type Output Type Description GPA0/AN0/TEST_OUT GPA0 TTL CMOS General-purpose I/O AN0 AN — A/D Channel 0 input TEST_OUT — — Internal analog/digital signal multiplexer output (1) GPA1/AN1/CLKPIN GPA1 TTL CMOS General-purpose I/O AN1 AN — A/D Channel 1 input CLKPIN ST CMOS Switching frequency clock input or output (2) GPA2/AN2/T0CKI/INT GPA2 ST CMOS General-purpose I/O AN2 AN — A/D Channel 2 input T0CKI ST — Timer0 clock input INT ST — External interrupt GPA3/AN3 GPA3 TTL CMOS General-purpose I/O AN3 AN — A/D Channel 3 input GPA5/MCLR GPA5 TTL — General-purpose input only MCLR ST — Master Clear with internal pull-up GPA6/CCD/ICSPDAT GPA6 ST CMOS General-purpose I/O ICSPDAT ST CMOS Serial Programming Data I/O CCD ST CMOS Single Compare output. Dual Capture input GPA7/SCL/ICSPCLK GPA7 ST OD General-purpose open drain I/O SCL I2COD I2C clock ICSPCLK ST — Serial Programming Clock GPB0/SDA GPB0 TTL OD General-purpose I/O SDA I2COD I2C data input/output GPB1/AN4/VREF2 GPB1 TTL CMOS General-purpose I/O AN4 AN — A/D Channel 4 input VREF2 —AN VREF2 DAC Output (3) GPB4/AN5/ICSPDAT (MCP19125 Only) GPB4 TTL CMOS General-purpose I/O AN5 AN — A/D Channel 5 input ICSPDAT ST CMOS Primary Serial Programming Data I/O GPB5/AN6/ICSPCLK (MCP19125 Only) GPB5 TTL CMOS General-purpose I/O AN6 AN — A/D Channel 6 input ISCPCLK ST — Primary Serial Programming Clock Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open-Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C = Schmitt Trigger input with I2C Note 1: The Analog/Digital Debug Output is selected through the control of the ABECON register. 2: Selected when functioning as master or slave by proper configuration of the MSC<1:0> bits in the MODECON register. 3: VREF2 output selected when configured as master by proper configuration of the MSC<1:0> bits in the MODECON register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |