Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19035T-BAABE/MF Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP19035T-BAABE/MF
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035T-BAABE/MF Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP19035T-BAABE/MF Datasheet HTML 22Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 23Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 24Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 25Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 26Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 27Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 28Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 29Page - Microchip Technology MCP19035T-BAABE/MF Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
MCP19035
DS22326B-page 26
 2012-2013 Microchip Technology Inc.
5.3
Operation with Low Input Voltages
If the application requires an input voltage below 5.5V,
it is recommended to use the alternative schematic
depicted in Figure 5-4.
FIGURE 5-4:
Typical Application for Low VIN.
This connection avoids the voltage drop on the internal
voltage regulator, ensuring the correct driving of the
MOSFETs at low input voltage.
Additional care must be exercised when this alternative
schematic is used to minimize the input voltage
ripple/noise. The internal circuitry of the MCP19035
may be affected by the ripple/noise present on the VCC
pin. The RIN resistor together with CVCC capacitor form
a low-pass filter for the bias voltage (VCC voltage). The
recommended value range for this resistor is between
2.2
 and 10.
CIN
COUT
L
Q1
Q2
MCP19035
HDRV
LDRV
PHASE
BOOT
+VCC
CBOOT
CVCC
+VOUT
SHDN
VIN
PWRGD
COMP
FB
R1
R3
C1
R2
C3
R4
C2
+VIN
ON
OFF
RIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com