Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2653 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2653
Description  1.5A High Efficiency Synchronous Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2653 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2653 Datasheet HTML 1Page - National Semiconductor (TI) LM2653 Datasheet HTML 2Page - National Semiconductor (TI) LM2653 Datasheet HTML 3Page - National Semiconductor (TI) LM2653 Datasheet HTML 4Page - National Semiconductor (TI) LM2653 Datasheet HTML 5Page - National Semiconductor (TI) LM2653 Datasheet HTML 6Page - National Semiconductor (TI) LM2653 Datasheet HTML 7Page - National Semiconductor (TI) LM2653 Datasheet HTML 8Page - National Semiconductor (TI) LM2653 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM2653
1.5A High Efficiency Synchronous Switching Regulator
General Description
The LM2653 switching regulator provides high efficient
power conversion over a 100:1 load range (1.5A to 15 mA).
This
feature
makes
the
LM2653
an
ideal
fit
in
battery-powered applications.
Synchronous rectification is used to achieve up to 97%
efficiency. At light loads, the LM2653 enters a low power
hysteretic or “sleep” mode to keep the efficiency high. In
many applications, the efficiency still exceeds 80% at 15 mA
load. A shutdown pin is available to disable the LM2653 and
reduce the supply current to 7µA.
All the power, control, and drive functions are integrated
within the ICs. The ICs contain patented current sensing
circuity for current mode control. This feature eliminates the
external
current
sensing
resistor
required
by
other
current-mode DC-DC converters.
The ICs have a 300 kHz fixed frequency internal oscillator.
The high oscillator frequency allows the use of extremely
small, low profile components.
Protection features include thermal shutdown, input under-
voltage lockout, adjustable soft-start, cycle by cycle current
limit, output overvoltage and undervoltage protections.
Features
n
Efficiency up to 97%
n
4V to 14V input voltage range
n
1.5V to 5.0V adjustable output voltage
n
0.1
Ω Switch On Resistance
n
300 kHz fixed frequency internal oscillator
n
7 µA shutdown current
n
Patented current sensing for current mode control
n
Input undervoltage lockout
n
Output overvoltage shutdown protection
n
Output undervoltage shutdown protection
n
Adjustable soft-start
n
Adjustable PGOOD delay
n
Current limit and thermal shutdown
Applications
n
Webpad
n
Personal digital assistants (PDAs)
n
Computer peripherals
n
Battery-powered devices
n
Notebook computer video supply
n
Handheld scanners
n
GXM I/O and core voltage
n
High efficiency 5V conversion
Typical Application
Efficiency vs Load Current
(V
IN = 5V, VOUT = 3.3V)
10104902
10104930
March 2001
© 2001 National Semiconductor Corporation
DS101049
www.national.com


Similar Part No. - LM2653

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653 TI2-LM2653 Datasheet
737Kb / 23P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LM2653MTC-ADJ NSC-LM2653MTC-ADJ Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTC-ADJ TI1-LM2653MTC-ADJ Datasheet
1Mb / 20P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2653MTC-ADJ/NOPB TI1-LM2653MTC-ADJ/NOPB Datasheet
1Mb / 20P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2653

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
LM2651 1.5A High Efficiency Synchronous Switching Regulator
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com