Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3G112-GA Datasheet(PDF) 6 Page - ebm-papst

Part # M3G112-GA
Description  EC centrifugal fan - RadiPac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

M3G112-GA Datasheet(HTML) 6 Page - ebm-papst

  M3G112-GA Datasheet HTML 1Page - ebm-papst M3G112-GA Datasheet HTML 2Page - ebm-papst M3G112-GA Datasheet HTML 3Page - ebm-papst M3G112-GA Datasheet HTML 4Page - ebm-papst M3G112-GA Datasheet HTML 5Page - ebm-papst M3G112-GA Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EC centrifugal fan - RadiPac
backward curved, single inlet
R3G310-BB49-03
Charts: Air flow 50 Hz
qv
m³/h
cfm
1000
2000
3000
4000
5000
0
500
1000
1500
2000
2500
3000
400
800
1200
1600
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ρ = 1,15 kg/m³ ± 2%
Measurement: LU-159001
Air performance measured as per ISO 5801
Installation category A. For detailed
information on the measuring set-up, please
contact ebm-papst. Suction-side noise
levels: LwA measured as per ISO 13347 /
LpA measured with 1m distance to fan axis.
The values given are valid under the
measuring conditions mentioned above and
may vary according to the actual installation
situation. With any deviation from the
standard set-up, the specific values have to
be checked and reviewed with the unit
installed.
Measured values
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
U
V
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
400
f
Hz
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
n
min-1
3140
3140
3140
3140
2860
2825
2785
2795
2090
2070
2065
2060
1380
1365
1360
1360
Ped
W
1192
1442
1650
1604
896
1049
1163
1128
395
455
503
496
142
159
172
170
I
A
1.85
2.22
2.50
2.46
1.40
1.63
1.80
1.75
0.71
0.79
0.85
0.84
0.35
0.37
0.39
0.39
LpAin
dB(A)
81
78
76
79
79
76
73
75
74
68
66
68
63
59
57
58
LwAin
dB(A)
89
86
83
87
87
84
81
83
81
76
74
75
70
67
65
66
LwAout
dB(A)
94
91
89
92
92
89
86
89
85
81
80
81
75
72
70
71
qv
m3/h
5685
4790
3480
2275
5180
4295
3065
2010
3735
3130
2235
1480
2455
2055
1460
970
pfs
Pa
0
500
1000
1250
0
408
779
978
0
217
415
529
0
94
177
229
U = Supply voltage · f = Frequency · n = Speed · Ped = Power input · I = Current draw · LpAin = Sound pressure level inlet side · LwAin = Sound power level inlet side · LwAout = Sound power level outlet side
qv = Air flow · pfs = Pressure increase
Item no. 51675-5-9980 · ENG · Revision 84855 · Release 2015-03-16 · Page 6 / 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com