Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9517 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9517
Description  Level translating I2C-bus repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9517 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9517 Datasheet HTML 1Page - NXP Semiconductors PCA9517 Datasheet HTML 2Page - NXP Semiconductors PCA9517 Datasheet HTML 3Page - NXP Semiconductors PCA9517 Datasheet HTML 4Page - NXP Semiconductors PCA9517 Datasheet HTML 5Page - NXP Semiconductors PCA9517 Datasheet HTML 6Page - NXP Semiconductors PCA9517 Datasheet HTML 7Page - NXP Semiconductors PCA9517 Datasheet HTML 8Page - NXP Semiconductors PCA9517 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
PCA9517
Level translating I2C-bus repeater
Product data sheet
2
2004 Oct 05
DESCRIPTION
The PCA9517 is a CMOS integrated circuit that provides level
shifting between low voltage (down to 0.9 V) and higher voltage
(2.7 V to 5.5 V) I2C or SMBus applications. While retaining all the
operating modes and features of the I2C system during the level
shifts, it also permits extension of the I2C-bus by providing
bi-directional buffering for both the data (SDA) and the clock (SCL)
lines, thus enabling two buses of 400 pF. Using the PCA9517
enables the system designer to isolate two halves of a bus for both
voltage and capacitance. The SDA and SCL pins are over voltage
tolerant and are high-impedance when the PCA9517 is unpowered.
The 2.7 V to 5.5 V bus B side drivers behave much like the drivers
on the PCA9515A device while the adjustable voltage bus A side
drivers drive more current and eliminate the static offset voltage.
This results in a LOW on the B side translating into a nearly 0 V
LOW on the A side which accommodates smaller voltage swings of
lower voltage logic.
The static offset design of the B side PCA9517 I/O drivers prevent
them from being connected to another PCA9510, PCA9511, PCA9512,
PCA9513, PCA9514, PCA9515A, PCA9516A, PCA9517 (B side), or
PCA9518. The A side of two or more PCA9517s can be connected
together, however, to allow a star topography with the A side on the
common bus, and the A side can be connected directly to any other
buffer with static or dynamic offset voltage. Multiple PCA9517s can
be connected in series, A side to B side, with no build-up in offset
voltage with only time of flight delays to consider.
The PCA9517 drivers are not enabled unless VCCA is above 0.8 V
and VCC is above 2.5 V. The EN pin can also be used to turn the
drivers on and off under system control. Caution should be observed
to only change the state of the enable pin when the bus is idle.
FEATURES
• 2 channel, bi-directional buffer isolates capacitance and allows
400 pF on either side of the device
• Voltage level translation from 0.9 V to 5.5 V and from
2.7 V to 5.5 V
• Footprint and functions replacement for PCA9515/15A
• I2C-bus and SMBus compatible
• Active-HIGH repeater enable input
• Open-drain input/outputs
• Lock-up free operation
• Supports arbitration and clock stretching across the repeater
• Accommodates standard mode and fast mode I2C devices and
multiple masters
• Powered-off high-impedance I2C pins
• Operating supply voltage range of 2.7 V to 3.6 V
• 5 V tolerant I2C and enable pins
• 0 kHz to 400 kHz clock frequency1
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101.
• Latch-up testing is done to JEDEC Standard JESD78 which
exceeds 100 mA.
• Packages offered: SO8, TSSOP8 (MSOP8)
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
8-pin plastic SO
–40 to +85
°C
PCA9517D
PCA9517
SOT96-1
8-pin plastic TSSOP (MSOP)
–40 to +85
°C
PCA9517DP
9517
SOT505-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging/.
PIN CONFIGURATION
1
2
3
4
GND
SDAA
SCLB
SDAB
EN
5
6
7
8VCCB
SCLA
SU01790
VCCA
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
SYMBOL
FUNCTION
1
VCCA
A side supply voltage (0.9 V to 5.5 V)
2
SCLA
Serial clock A side bus
3
SDAA
Serial data A side bus
4
GND
Supply ground
5
EN
Active-HIGH repeater enable input
6
SDAB
Serial data B side bus
7
SCLB
Serial clock B side bus
8
VCCB
B side and device supply voltage
(2.7 V to 3.6 V)
1.
The maximum system operating frequency may be less than 400 kHz because of the delays added by the repeater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com