Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC06ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LVC06ADR2G
Description  Low-Voltage CMOS Hex Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC06ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  74LVC06ADR2G Datasheet HTML 1Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 2Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 3Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 4Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 5Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 6Page - ON Semiconductor 74LVC06ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
74LVC06A
www.onsemi.com
5
PROPAGATION DELAYS
tR = tF = 2.5 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VCC
0 V
VLZ
An
On
tPLZ
tPZL
Vmi
Vmo
VOL
Vmi
Table 3. AC WAVEFORMS
Symbol
VCC
VCC . 4.5 to 5.5 V
VCC . 2.7 to 3.6 V
VCC < 2.7 V
Vmi
VCC / 2
1.5 V
VCC / 2
Vmo
VCC / 2
1.5 V
VCC / 2
VLZ
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
R1
6 V or VCC × 2
GND
CL includes jig and probe capacitance
RT = ZOUT of pulse generator (typically 50 Q)
R1 = RL
Table 4. TEST CIRCUIT
Supply Voltage
Input
Load
VEXT
VCC (V)
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.2
VCC
≤ 2 ns
30 pF
1 k
Q
Open
2 x VCC
GND
1.65 − 1.95
VCC
≤ 2 ns
30 pF
1 k
Q
Open
2 x VCC
GND
2.3 − 2.7
VCC
≤ 2 ns
30 pF
500
Q
Open
2 x VCC
GND
2.7
2.7 V
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND
3.0 − 3.6
2.7 V
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND
4.5 to 5.5
VCC
≤ 2.5 ns
50 pF
500
Q
Open
2 x VCC
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com