Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC07ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74LVC07ADR2G
Description  Low-Voltage CMOS Hex Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC07ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  74LVC07ADR2G Datasheet HTML 1Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 2Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 3Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 4Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 5Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 6Page - ON Semiconductor 74LVC07ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74LVC07A
www.onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Functional
1.65
1.2
5.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
Active Mode
3−State
0
0
VCC
5.5
V
IOL
LOW Level Output Current
VCC = 4.5 V − 5.5 V
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
VCC = 2.3 V − 2.7 V
+32
+24
+12
+8
mA
TA
Operating Free−Air Temperature
−40
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 1.65 to 2.7 V
VCC = 2.7 to 5.5 V
0
0
20
10
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 4)
Max
Min
Typ
(Note 4)
Max
VIH
HIGH−level input voltage
VCC = 1.2 V
1.08
−
−
1.08
−
−
V
VCC = 1.65 V to 1.95 V
0.65 x
VCC
−
−
0.65 x
VCC
−
−
VCC = 2.3 V to 2.7 V
1.7
−
−
1.7
−
−
VCC = 2.7 V to 3.6 V
2.0
−
−
2.0
−
−
VCC = 4.5 V to 5.5 V
0.7 x
VCC
−
−
0.7 x
VCC
−
−
VIL
LOW−level input voltage
VCC = 1.2 V
−
−
0.12
−
−
0.12
V
VCC = 1.65 V to 1.95 V
−
−
0.35 x
VCC
−
−
0.35 x
VCC
VCC = 2.3 V to 2.7 V
−
−
0.7
−
−
0.7
VCC = 2.7 V to 3.6 V
−
−
0.8
−
−
0.8
VCC = 4.5 V to 5.5 V
−
−
0.3 x
VCC
−
−
0.3 x
VCC
VOL
LOW−level output voltage
VI = VIH or VIL
−
−
−
V
IO = 100 mA;
VCC = 1.65 V to 3.6 V
−
−
0.2
−
−
0.3
IO = 4 mA; VCC = 1.65 V
−
−
0.45
−
−
0.65
IO = 8 mA; VCC = 2.3 V
−
−
0.6
−
−
0.8
IO = 12 mA; VCC = 2.7 V
−
−
0.4
−
−
0.6
IO = 24 mA; VCC = 3.0 V
−
−
0.55
−
−
0.8
IO = 32 mA; VCC = 4.5 V
−
−
0.55
−
−
0.8
II
Input leakage current
VI = 5.5 V or GND
VCC = 1.65 to 5.5 V
−
±0.1
±5
−
±0.1
±20
mA
IOZ
OFF−state output current
VI = VIH; VO = 5.5 V or GND;
VCC = 1.65 to 5.5 V
−
±0.1
±5
−
±0.1
±20
mA
IOFF
Power−off leakage current
VI or VO = 5.5 V; VCC = 0 V
−
±0.1
±10
−
±0.1
±20
mA
4. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com