Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MICRF506BML Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 16Page - Micrel Semiconductor MICRF506BML Datasheet HTML 17Page - Micrel Semiconductor MICRF506BML Datasheet HTML 18Page - Micrel Semiconductor MICRF506BML Datasheet HTML 19Page - Micrel Semiconductor MICRF506BML Datasheet HTML 20Page - Micrel Semiconductor MICRF506BML Datasheet HTML 21Page - Micrel Semiconductor MICRF506BML Datasheet HTML 22Page - Micrel Semiconductor MICRF506BML Datasheet HTML 23Page - Micrel Semiconductor MICRF506BML Datasheet HTML 24Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Micrel
MICRF506
September 2004
20
M9999-092904
(408) 955-1690
Bit Synchronizer
A6..A0
D7
D6D5
D4D3
D2
D1
D0
0000110
-
ModclkS2
ModclkS1
ModclkS0
BitSync_clkS2
BitSync_clkS1
BitSync_clkS0
BitRate_clkS2
0000111
BitRate_clkS1
BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
A bit synchronizer can be enabled in receive mode
by selecting the synchronous mode (Sync_en=1).
The DataClk pin will output a clock with twice the
frequency of the bit rate (a bit rate of 20 kbit/sec
gives a DataClk of 20 kHz). A received symbol/bit on
DataIXO will be output on rising edge of DataClk.
The micro controller should therefore sample the
symbol/bit on falling edge of DataClk.
The bit synchronizer uses a clock which needs to be
programmed according to the bit rate. The clock
frequency should be 16 times the actual bit rate (a
bit rate of 20 kbit/sec needs a bit synchronizer clock
with frequency of 320 kHz). The clock frequency is
set by the following formula:
fBITSYNC_CLK =
fXCO
Refclk_K
2
(7-BITSYNC_clkS )
where
fBITSYNC_CLK: The bit synchronizer clock
frequency (16 times higher than the bit rate)
fXCO:
Crystal oscillator frequency
Refclk_K:
6
bit
divider,
values
between 1 and 63
BitSync_clkS:
Bit synchronizer setting,
values between 0 and 7
Refclk_K is also used to derive the modulator clock
and the bit rate clock.
At the beginning of a received data package, the bit
synchronizer clock frequency is not synchronized to
the bit rate. When these two are maximum offset to
each other, it takes 22 bit/symbols before
synchronization is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com