Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC9350 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9350
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9350 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9350 Datasheet HTML 1Page - Motorola, Inc MPC9350 Datasheet HTML 2Page - Motorola, Inc MPC9350 Datasheet HTML 3Page - Motorola, Inc MPC9350 Datasheet HTML 4Page - Motorola, Inc MPC9350 Datasheet HTML 5Page - Motorola, Inc MPC9350 Datasheet HTML 6Page - Motorola, Inc MPC9350 Datasheet HTML 7Page - Motorola, Inc MPC9350 Datasheet HTML 8Page - Motorola, Inc MPC9350 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9350
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9350 Logic Diagram
PLL
(pulldown)
FBSEL
FSELA
QA
REF_SEL
0
1
Ref
FB
200 - 400 MHz
÷2
÷4
÷8
D
Q
QB
0
1
0
1
0
1
FSELB
FSELC
(pulldown)
(pulldown)
(pullup)
(pulldown)
PLL_EN
FSELD
D
Q
QC1
0
1
D
Q
QC0
QD2
0
1
D
Q
QD1
QD0
QD4
QD3
OE
(pulldown)
(pulldown)
(pulldown)
(pulldown)
XTAL1
XTAL2
TCLK
0
1
÷16
÷32
GND
QB
VCCO
QA
GND
TCLK
PLL_EN
QD2
VCCO
QD3
GND
QD4
VCCO
XTAL2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1234
5678
24
23
22
21
20
19
18
17
16
MPC9350
OE
Figure 2. Pinout: 32–Lead Package Pinout (Top View)
REF_SEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com