Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMC3AM832TA Datasheet(PDF) 10 Page - Zetex Semiconductors

Part # ZXMC3AM832TA
Description  MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMC3AM832TA Datasheet(HTML) 10 Page - Zetex Semiconductors

Back Button ZXMC3AM832TA Datasheet HTML 2Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 3Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 4Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 5Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 6Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 7Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 8Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 9Page - Zetex Semiconductors ZXMC3AM832TA Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ZXMC3AM832
PROVISIONAL ISSUE E - JULY 2004
10
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Lansdowne Road, Chadderton
Oldham, OL9 9TY
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2004
CONTROLLING DIMENSIONS IN MILLIMETERS APPROX. CONVERTED DIMENSIONS IN INCHES
MLP832 PACKAGE OUTLINE (3mm x 2mm Micro Leaded Package)
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
0.80
1.00
0.0315
0.0394
e
0.65 BSC
0.0256 BSC
A1
0.00
0.05
0.00
0.002
E
2.00 BSC
0.0787 BSC
A2
0.65
0.75
0.0256
0.0295
E2
0.43
0.63
0.017
0.0248
A3
0.15
0.25
0.006
0.0098
L
0.20
0.45
0.0079
0.0177
b
0.24
0.34
0.0095
0.0134
L2
0.00
0.125
0.00
0.005
b1
0.17
0.30
0.0068
0.0118
r
0.075 BSC
0.0029 BSC
D
3.00 BSC
0.118 BSC
0
12
0
12
D2
0.82
1.02
0.0323
0.0402
-
----
D3
1.01
1.21
0.0398
0.0476
-
----
PACKAGE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com