Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2676 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2676
Description  SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2676 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2676 Datasheet HTML 1Page - National Semiconductor (TI) LM2676 Datasheet HTML 2Page - National Semiconductor (TI) LM2676 Datasheet HTML 3Page - National Semiconductor (TI) LM2676 Datasheet HTML 4Page - National Semiconductor (TI) LM2676 Datasheet HTML 5Page - National Semiconductor (TI) LM2676 Datasheet HTML 6Page - National Semiconductor (TI) LM2676 Datasheet HTML 7Page - National Semiconductor (TI) LM2676 Datasheet HTML 8Page - National Semiconductor (TI) LM2676 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Connection Diagrams and Ordering Information
TO-263 Package
Top View
TO-220 Package
Top View
10091401
Order Number
LM2676S-3.3, LM2676S-5.0,
LM2676S-12 or LM2676S-ADJ
See NSC Package Number TS7B
10091402
Order Number
LM2676T-3.3, LM2676T-5.0,
LM2676T-12 or LM2676T-ADJ
See NSC Package Number TA07B
Top View
10091441
LLP-14
See NS package Number SRC14A
Ordering Information for LLP Package
Output Voltage
Order Information
Package Marking
Supplied As
12
LM2676SD-12
S0003LB
250 Units on Tape and Reel
12
LM2676SDX-12
S0003LB
2500 Units on Tape and Reel
3.3
LM2676SD-3.3
S0003NB
250 Units on Tape and Reel
3.3
LM2676SDX-3.3
S0003NB
2500 Units on Tape and Reel
5.0
LM2676SD-5.0
S0003PB
250 Units on Tape and Reel
5.0
LM2676SDX-5.0
S0003PB
2500 Units on Tape and Reel
ADJ
LM2676SD-ADJ
S0003RB
250 Units on Tape and Reel
ADJ
LM2676SDX-ADJ
S0003RB
2500 Units on Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com