Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC4066PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC4066PW
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC4066PW Datasheet HTML 5Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 6Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 7Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 8Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 9Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 10Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 11Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 12Page - NXP Semiconductors 74LVC4066PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2003 Aug 12
9
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
Note
1. Typical value Ron(flatness) is measured at Tamb = −40 to +85 °C, all other typical values are measured at Tamb =25 °C.
Tamb = −40 to +125 °C; see Fig.6
RON(peak)
ON-resistance
(peak)
VS = GND to VCC;
VI =VIH
4
1.65 to 1.95
−−
150
Ω
8
2.3 to 2.7
−−
45
Ω
12
2.7
−−
38
Ω
24
3.0 to 3.6
−−
30
Ω
32
4.5 to 5.5
−−
23
Ω
RON(rail)
ON-resistance (rail)
VS = GND; VI =VIH
4
1.65 to 1.95
−−
45
Ω
8
2.3 to 2.7
−−
30
Ω
12
2.7
−−
27
Ω
24
3.0 to 3.6
−−
23
Ω
32
4.5 to 5.5
−−
15
Ω
VS =VCC; VI =VIH
4
1.65 to 1.95
−−
45
Ω
8
2.3 to 2.7
−−
30
Ω
12
2.7
−−
27
Ω
24
3.0 to 3.6
−−
23
Ω
32
4.5 to 5.5
−−
15
Ω
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
IS (mA)
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com