Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC4066BQ Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74LVC4066BQ
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066BQ Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74LVC4066BQ Datasheet HTML 12Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 13Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 14Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 15Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 16Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 17Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 18Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 19Page - NXP Semiconductors 74LVC4066BQ Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
2003 Aug 12
16
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
Notes
1. Adjust fin voltage to obtain 0 dBm level at output. Increase fin frequency until dB meter reads −3 dB.
2. Adjust fin voltage to obtain 0 dBm level at input.
3. Guaranteed by design.
α
OFF(feedthru)
switch OFF signal feed-through
attenuation
RL = 600 Ω; CL =50pF;
fin = 1 MHz; see Fig.19; note 2
1.65
−46
dB
2.3
−46
dB
3
−46
dB
4.5
−46
dB
RL =50 Ω; CL = 5 pF; fin = 1 MHz;
see Fig.19; note 2
1.65
−42
dB
2.3
−42
dB
3
−42
dB
4.5
−42
dB
α
ct(E-Y/Z)
crosstalk between control input
to signal output
RL = 600 Ω; CL =50pF;
fin = 1 MHz; tr =tf = 2 ns; see
Fig.20
1.65
69
mV
2.3
87
mV
3
156
mV
4.5
302
mV
αct(S)
crosstalk between switches)
RL = 600 Ω; CL =50pF;
fin = 1 MHz; see Fig.21
1.65
−58
dB
2.3
−58
dB
3
−58
dB
4.5
−58
dB
RL =50 Ω; CL = 5 pF; fin = 1 MHz;
see Fig.21
1.65
−58
dB
2.3
−58
dB
3
−58
dB
4.5
−58
dB
CPD
power dissipation capacitance
fin = 10 MHz
2.5
11.0
pF
3.3
12.5
pF
5.0
15.6
pF
Q
charge injection
CL = 0.1 nF; Vgen =0V; Rgen =0 Ω;
f = 1 MHz; RL =1MΩ; see Fig.22;
note 3
3.3
0.8
pC
5.5
1.2
pC
SYMBOL
PARAMETER
TEST CONDITIONS
VCC (V)
TYPICAL
UNIT
handbook, full pagewidth
MNA669
0.1
µF
RL
VO
1/2VCC
CL dB
Z/Y
Y/Z
channel
ON
E
VIH
fin
50
Ω
Fig.17 Test circuit for measuring the frequency response when switch is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com