Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF13786 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATF13786
Description  Surface Mount Gallium Arsenide FET for Oscillators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATF13786 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATF13786 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATF13786 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATF13786 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-43
ATF-13786
Surface Mount Gallium
Arsenide FET for Oscillators
Technical Data
85 mil Plastic Surface
MountPackage
Features
• Low Cost Surface Mount
Plastic Package
• High f
MAX: 60 GHz Typical
• Low Phase Noise at 10 GHz:
-110 dBc/Hz @ 100 kHz Typical
• Output Power at 10 GHz:
up to 10 dBm
• Tape-and-Reel Packaging
Option Available
Description
Hewlett-Packard’s ATF-13786 is a
low cost Gallium Arsenide
Schottky barrier-gate field effect
transistor housed in a surface
mount plastic package. This
device is designed for use in low
cost, surface mount oscillators
operating over the RF and
microwave frequency ranges. The
ATF-13786 has sufficient gain for
easy use as a negative R cell,
without excess gain that can lead
to unwanted oscillations and
mode jumping. The gate structure
used in the fabrication of this
device results in phase noise
performance superior to that of
most other MESFETs. These
features make this device
particularly well suited for low
power (< +10 dBm) commercial
oscillator applications such as are
encountered in DBS, TVRO, and
MMDS television receivers, or
hand-held transceivers operating
in the 900 MHz, 2.4 GHz, and
5.7 GHz ISM bands.
Insertion Power Gain, Maximum
Available Gain, and Maximum Stable
Gain vs. Frequency.
VDS = 3 V, IDS = 40 mA.
PinConfiguration
510
20
1
5
10
15
20
FREQUENCY (GHz)
S 21
25
MSG
MSG
0
MAG
This GaAs FET device has a
nominal 0.3 micron gate length
with a total gate periphery of
250 microns. Proven gold based
metallization systems and nitride
passivation assure a rugged,
reliable device.
1
4
3
2
SOURCE
SOURCE
DRAIN
GATE
5965-8721E


Similar Part No. - ATF13786

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF13786 HP-ATF13786 Datasheet
47Kb / 3P
Surface Mount Gallium Arsenide FET for Oscillators
More results

Similar Description - ATF13786

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
2-18 GHz Low Noise Gallium Arsenide FET
ATF-13786 HP-ATF-13786 Datasheet
47Kb / 3P
Surface Mount Gallium Arsenide FET for Oscillators
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
logo
Motorola, Inc
MRFG35010MT1 MOTOROLA-MRFG35010MT1 Datasheet
300Kb / 8P
Gallium Arsenide PHEMT
MRFG35003M6T1 MOTOROLA-MRFG35003M6T1 Datasheet
337Kb / 8P
GALLIUM ARSENIDE PHEMT
logo
Freescale Semiconductor...
MRFG35010ANT1 FREESCALE-MRFG35010ANT1 Datasheet
260Kb / 12P
Gallium Arsenide PHEMT
logo
NXP Semiconductors
MRFG35003N6A NXP-MRFG35003N6A Datasheet
260Kb / 11P
Gallium Arsenide PHEMT
Rev. 2, 6/2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com