Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD15P10PL Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SPD15P10PL
Description  SIPMOS짰 Power-Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD15P10PL Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SPD15P10PL Datasheet HTML 2Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 3Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 4Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 5Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 6Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 7Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 8Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 9Page - Infineon Technologies AG SPD15P10PL Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SPD15P10PL G
13 Avalanche characteristics
14 Typ. gate charge
I
AS=f(t AV); R GS=25
V
GS=f(Q gate); I D=-15 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V
BR(DSS)=f(T j); I D=-1mA
90
95
100
105
110
115
120
-60
-20
20
60
100
140
180
T
j [°C]
V
GS
Q
gate
V
gs(th)
Q
g(th)
Q
gs
Q
gd
Q
sw
Q g
25 °C
100 °C
125 °C
10
3
10
2
10
1
10
0
10
1
10
0
10
-1
t
AV [μs]
20 V
50 V
80 V
0
2
4
6
8
10
0
1020
3040
50
- Q
gate [nC]
Rev 1.
5
page 7
20
12-09-03



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com