Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD3000-9TO Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # AD3000-9TO
Description  APD with 7 mm짼 active area
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD3000-9TO Datasheet(HTML) 1 Page - Sensortechnics GmbH

  AD3000-9TO Datasheet HTML 1Page - Sensortechnics GmbH AD3000-9TO Datasheet HTML 2Page - Sensortechnics GmbH AD3000-9TO Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
First Sensor APD Data Sheet
Part Description AD3000-9 TO
Order # 501198; # 500159
Version 20-06-11
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
125
100
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
ns
GHz
V
V/K
European, International Sales:
E-Mail: sales@pacific-sensor.com
Pacific Silicon Sensor, Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
Phone: +1-818-706-3400
Fax:
+1-818-889-7053
VBR
Breakdown voltage
IR = 2 µA, VBR - binning available
Excess noise factor
M = 100
USA:
Temperature coefficiant
Change of VBR with temperature
1.25
160
Excess noise index
M = 100
Cut-off frequency
-3dB
0.18
tR
Rise time
M = 100; λ = 905 nm; RL = 50 Ω
TOP
Operating temp
-40
°C
Mmax
Gain (IP0 = 1 nA)
200
TSTG
Storage temp
-55
°C
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 7 mm² active area
• Slow multiplication curve
• QE > 80% @ 750 nm-910 nm
• Fast rise time, low noise
Symbol
Unit
Min
Circular active area APD chip with
NIR enhanced sensitivity. Metal can
type hermetic TO5 package with
clear glass window.
• Medical equipment
Parameter
• Optimum gain: 50-60
IPEAK
Peak DC current
mA
Active area
Min
diameter 3000
Typ
Max
Symbol
Characteristic
Test Condition
C
Capacitance
M = 100
18
Fax:
+49-30-6399-23752
Active area
7.07
E-Mail: sales.opto@first-sensor.com
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
Phone: +49-30-6399-2399
ID
Dark current
M = 100
30
Responsivity
M = 100; λ = 905 nm
52
58
60
2.5
0.2
2
1.55
150
240
0
10
20
30
40
50
60
70
400
450 500
550
600
650
700
750
800
850
900 950 1000 1050 1100
Wavelength (nm)
PIN 2
PIN 3
PIN 1


Similar Part No. - AD3000-9TO

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD3000-8TO SENSORTECHNICS-AD3000-8TO Datasheet
611Kb / 3P
APD with 7 mm짼 active area
More results

Similar Description - AD3000-9TO

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
APD with 0.04 mm짼 active area
AD230-12 SENSORTECHNICS-AD230-12 Datasheet
736Kb / 4P
APD with 0.04 mm짼 active area
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
APD with 0.2 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
APD with 0.2 mm짼 active area
AD500-9TO SENSORTECHNICS-AD500-9TO Datasheet
444Kb / 4P
APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
APD with 0.2 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
APD with 1.0 mm짼 active area
AD3000-8TO SENSORTECHNICS-AD3000-8TO Datasheet
611Kb / 3P
APD with 7 mm짼 active area
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com