Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3001 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3001 Datasheet HTML 3Page - Microchip Technology MCP3001 Datasheet HTML 4Page - Microchip Technology MCP3001 Datasheet HTML 5Page - Microchip Technology MCP3001 Datasheet HTML 6Page - Microchip Technology MCP3001 Datasheet HTML 7Page - Microchip Technology MCP3001 Datasheet HTML 8Page - Microchip Technology MCP3001 Datasheet HTML 9Page - Microchip Technology MCP3001 Datasheet HTML 10Page - Microchip Technology MCP3001 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6%SDJH 
!
1RWH 8QOHVV RWKHUZLVH LQGL.DWHG 9'' 95() 9 I6$03/(  NVSV I&/.  6DPSOH 5DWH 7$ ƒ&
),*85(  ,QWHJUDO
1RQOLQHDULW\
,1/
YV
7HPSHUDWXUH
),*85(  'LIIHUHQWLDO 1RQOLQHDULW\
'1/
YV
6DPSOH 5DWH
),*85(  'LIIHUHQWLDO 1RQOLQHDULW\
'1/
YV
9#
),*85(  ,QWHJUDO
1RQOLQHDULW\
,1/
YV
7HPSHUDWXUH 9 9 
),*85(  'LIIHUHQWLDO 1RQOLQHDULW\
'1/
YV
6DPSOH 5DWH 9 9 
),*85(  'LIIHUHQWLDO 1RQOLQHDULW\ '1/ YV 9#
9 9 
















7HPSHUDWXUH ƒ&
3RVLWLYH ,1/
1HJDWLYH ,1/













      
6DPSOH 5DWH NVSV
3RVLWLYH '1/
1HJDWLYH '1/















9# 9
1HJDWLYH '1/
3RVLWLYH '1/














7HPSHUDWXUH ƒ&
3RVLWLYH ,1/
9'' 95() 9
I6$03/(  NVSV
1HJDWLYH,1/













6DPSOH 5DWH NVSV
3RVLWLYH '1/
1HJDWLYH '1/
9'' 95() 9


















9# 9
3RVLWLYH '1/
1HJDWLYH '1/
9'' 95() 9
I6$03/(  NVSV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com