Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CCPB-2-70CF Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # CCPB-2-70CF
Description  CUBEFuseTM Compact Circuit Protector Base (CCPB)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCPB-2-70CF Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  CCPB-2-70CF Datasheet HTML 1Page - Cooper Bussmann, Inc. CCPB-2-70CF Datasheet HTML 2Page - Cooper Bussmann, Inc. CCPB-2-70CF Datasheet HTML 3Page - Cooper Bussmann, Inc. CCPB-2-70CF Datasheet HTML 4Page - Cooper Bussmann, Inc. CCPB-2-70CF Datasheet HTML 5Page - Cooper Bussmann, Inc. CCPB-2-70CF Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data 1161
Effective April 2016
CUBEFuse Compact Circuit Protector Base (CCPB)
for Quik–Spec™ Coordination Panelboards
Eaton.com/bussmannseries
Motor sizing table:
Bussmann series Low-Peak™ TCF_ and TCF_RN time-delay
Class CF fuses
Voltage
Motor
size (Hp)
Motor
FLA
(amps)
Optimal
protection
(amps)
Code
max
(amps)
Heavy
start
(amps)
115Vac, 1-phase
0.167
4.4
10
10
10
0.25
5.8
10
15
15
0.333
7.2
15
15
15
0.5
9.8
15
20
20
0.75
13.8
25
25
30
1
16
25
30
35
1.5
20
30
35
45
2
24
40
45
50
3
34
50
60
N/A
5**
56
90
100
N/A
230Vac,1-phase
0.167
2.2
6
6
6
0.25
2.9
6
6
6
0.333
3.6
6
10
10
0.5
4.9
10
10
10
0.75
6.9
15
15
15
1
8
15
15
17.5
1.5
10
15
20
20
2
12
20
25
25
3
17
25
30
35
5
28
45
50
60
7.5
40
60
N/A
N/A
10**
50
80
90
N/A
200Vac, 3-phase
0.5
2.5
6
6
6
0.75
3.7
6
10
10
1
4.8
10
10
10
1.5
6.9
15
15
15
2
7.8
15
15
17.5
3
11
17.5
20
20
5
17.5
30
35
35
7.5
25.3
40
45
50
20**
62.1
100
N/A
N/A
208Vac, 3-phase
0.5
2.4
6
6
6
0.75
3.5
6
10
10
1
4.6
10
10
10
1.5
6.6
10
15
15
2
7.5
15
15
15
3
10.6
17.5
20
20
5
16.7
25
30
35
7.5
24.2
40
45
50
20**
59.4
90
N/A
N/A
Voltage
Motor
size (Hp)
Motor
FLA
(amps)
Optimal
protection
(amps)
Code
max
(amps)
Heavy
start
(amps)
230Vac, 3-phase
0.5
2.2
6
6
6
0.75
3.2
6
6
6
1
4.2
10
10
10
1.5
6
10
15
15
2
6.8
15
15
15
3
9.6
15
20
20
5
15.2
25
30
30
7.5
22
35
40
45
20**
54
90
100
N/A
460Vac, 3-phase
0.5
1.1
3
3
3
0.75
1.6
3
3
3
1
2.1
6
6
6
1.5
3
6
6
6
2
3.4
6
6
6
3
4.8
10
10
10
5
7.6
15
15
15
7.5
11
17.5
20
20
10
14
25
25
30
15
21
35
40
45
20
27
40
50
60
50**
65
100
N/A
N/A
575Vac, 3-phase
0.5
0.9
3
3
3
0.75
1.3
3
3
3
1
1.7
3
3
3
1.5
2.4
6
6
6
2
2.7
6
6
6
3
3.9
6
10
10
5
6.1
10
15
15
7.5
9
15
20
20
10
11
17.5
20
20
40**
41
70
80
80
Note: Use code max column for low to moderate reverse/jog/plug
applications.
*
Heavy start permitted only if code max does not allow motor start-up.
Based on motor FLA from NEC® tables 430.248 and 430.250.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com