Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD39100PU33RY Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD39100PU33RY
Description  1 A, low quiescent current, low-noise voltage regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU33RY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD39100PU33RY Datasheet HTML 6Page - STMicroelectronics LD39100PU33RY Datasheet HTML 7Page - STMicroelectronics LD39100PU33RY Datasheet HTML 8Page - STMicroelectronics LD39100PU33RY Datasheet HTML 9Page - STMicroelectronics LD39100PU33RY Datasheet HTML 10Page - STMicroelectronics LD39100PU33RY Datasheet HTML 11Page - STMicroelectronics LD39100PU33RY Datasheet HTML 12Page - STMicroelectronics LD39100PU33RY Datasheet HTML 13Page - STMicroelectronics LD39100PU33RY Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Typical performance characteristics
LD39100
10/27
DocID15676 Rev 6
5
Typical performance characteristics
CIN = COUT = 1 µF
Figure 4: VADJ accuracy
Figure 5: VOUT accuracy
Figure 6: Dropout voltage vs. temperature
(VOUT = 2.5 V)
Figure 7: Dropout voltage vs. temperature
(VOUT = 1.5 V)
Figure 8: Dropout voltage vs. output current
Figure 9: Short-circuit current vs. drop
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com