Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDK220C36R Datasheet(PDF) 27 Page - STMicroelectronics

Part # LDK220C36R
Description  200 mA low quiescent current and low noise LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK220C36R Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LDK220C36R Datasheet HTML 20Page - STMicroelectronics LDK220C36R Datasheet HTML 21Page - STMicroelectronics LDK220C36R Datasheet HTML 22Page - STMicroelectronics LDK220C36R Datasheet HTML 23Page - STMicroelectronics LDK220C36R Datasheet HTML 24Page - STMicroelectronics LDK220C36R Datasheet HTML 25Page - STMicroelectronics LDK220C36R Datasheet HTML 26Page - STMicroelectronics LDK220C36R Datasheet HTML 27Page - STMicroelectronics LDK220C36R Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LDK220
Revision history
DocID026015 Rev 4
27/28
9
Revision history
Table 15: Document revision history
Date
Revision
Changes
19-Mar-2014
1
Initial release.
24-Nov-2014
2
Updated the features in cover page, Table 6: LDK220
electrical characteristics for fixed output version, Table
7: LDK220 electrical characteristics for adjustable
version, Table 8: SOT23-5L mechanical data, and
Section 6: Typical characteristics.
Minor text changes.
19-May-2015
3
Added SOT-89 package. Updated features in cover
page. Updated Section 2: Pin configuration, Section 3:
Typical application, Table 5: Thermal data, Section 7:
Package information and Section 8: Ordering
information.
Minor text changes.
24-Oct-2016
4
Updated Table 7: "LDK220 electrical characteristics for
adjustable version" and Section 7: "Package
information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com